Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP04TLQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP04TLQ
Description  1.5 Gbps 4x4 LVDS Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP04TLQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90CP04TLQ Datasheet HTML 4Page - Texas Instruments DS90CP04TLQ Datasheet HTML 5Page - Texas Instruments DS90CP04TLQ Datasheet HTML 6Page - Texas Instruments DS90CP04TLQ Datasheet HTML 7Page - Texas Instruments DS90CP04TLQ Datasheet HTML 8Page - Texas Instruments DS90CP04TLQ Datasheet HTML 9Page - Texas Instruments DS90CP04TLQ Datasheet HTML 10Page - Texas Instruments DS90CP04TLQ Datasheet HTML 11Page - Texas Instruments DS90CP04TLQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DS90CP04
SNLS154I – JANUARY 2002 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless other specified.
(1)
Symbol
Parameter
Conditions
Min
Typ (2)
Max
Units
tSKCC
Output Channel to Channel Skew
Difference in propagation delay (tPLHD
or tPHLD) among all output channels
0
50
100
ps
in Broadcast mode (any one input to
all outputs).
tJIT
Jitter (6)
Alternating 1 and 0 Pattern
750 MHz
1.6
2.5
psrms
1.25 GHz
1.6
2.5
psrms
K28.5 Pattern
1.5 Gb/s
10
40
psp-p
2.5 Gb/s
27
60
psp-p
PRBS 223-1 Pattern
1.5 Gb/s
25
40
psp-p
2.5 Gb/s
40
70
psp-p
tON
LVDS Output Enable Time
Time from LOAD = LH or SELx to
OUT± change from TRI-STATE to
50
150
300
ns
active.
tOFF
LVDS Output Disable Time
Time from LOAD = LH or SELx to
OUT± change from active to TRI-
3
5
ns
STATE.
tSW
LVDS Switching Time
Time from LOAD = LH to new switch
50
150
ns
configuration effective for OUT±.
tSEL
SELx to OUT±
Configuration select to new data at
50
150
ns
OUT±.
SWITCHING CHARACTERISTICS — Serial control Interface ((8))
FSCLK
SCLK Clock Frequency
0
100
MHz
TDCCLK
CSCLK Duty Cycle
Input SCLK Duty Cycle set at 50%
45
55
%
RSCLK Duty Cycle
tS
SI–SCLK or MODE–SCLK Setup
From SI or MODE Input Data to
1.5
ns
Time
SCLK Rising Edge
tH
SCLK–SI or SCLK–MODE Hold
From SCLK Rising Edge to SI or
1
ns
Time
MODE Input Data
tDSO
SCLK to RSO or CSO Delay
From SCLK to RSO or CSO
1.5
4
ns
tDSCLK
SCLK to RSCLK or CSCLK Delay
From SCLK to RSCLK or CSCLK
4.0
8.5
ns
tDSDIF
|SCLK to RSCLK or
Propagation Delay Difference
1.5
4.5
ns
CSCLK–SCLK to RSO or CSO|
between tDSO and tDSCLK
TRISE
Logic Low to High Transition Time
20% to 80% at RSO, CSO, RSCLK,
1.5
ns
or CSCLK
TFALL
Logic High to Low Transition Time
80% to 20% at RSO, CSO, RSCLK,
1.5
ns
or CSCLK
(8)
Output offset voltage VOS is defined as the average of the LVDS single-ended output voltages at logic high and logic low states.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP04


Similar Part No. - DS90CP04TLQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP04TLQ NSC-DS90CP04TLQ Datasheet
343Kb / 18P
   4x4 Low Power 2.5 Gb/s LVDS Digital Cross-Point
logo
Texas Instruments
DS90CP04TLQ TI1-DS90CP04TLQ Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04TLQNOPB TI1-DS90CP04TLQNOPB Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04TLQX NSC-DS90CP04TLQX Datasheet
343Kb / 18P
   4x4 Low Power 2.5 Gb/s LVDS Digital Cross-Point
logo
Texas Instruments
DS90CP04TLQXNOPB TI1-DS90CP04TLQXNOPB Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
More results

Similar Description - DS90CP04TLQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_14 Datasheet
895Kb / 25P
[Old version datasheet]   DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
[Old version datasheet]   DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com