Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS280BR810 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS280BR810
Description  Low Power 28 Gbps 8 Channel Linear Repeater
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280BR810 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS280BR810 Datasheet HTML 3Page - Texas Instruments DS280BR810 Datasheet HTML 4Page - Texas Instruments DS280BR810 Datasheet HTML 5Page - Texas Instruments DS280BR810 Datasheet HTML 6Page - Texas Instruments DS280BR810 Datasheet HTML 7Page - Texas Instruments DS280BR810 Datasheet HTML 8Page - Texas Instruments DS280BR810 Datasheet HTML 9Page - Texas Instruments DS280BR810 Datasheet HTML 10Page - Texas Instruments DS280BR810 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.35 MAX
TYP
0.46
0.25
6.4
TYP
11.2 TYP
0.8 TYP
0.8 TYP
135X 0.51
0.41
A
13.1
12.9
B
8.1
7.9
(0.9) TYP
(0.8) TYP
NFBGA - 1.35 mm max height
ZBF0135A
PLASTIC BALL GRID ARRAY
4221691/A 11/2014
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
11
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.2 C
0.15
C A
B
0.08
C
SYMM
SYMM
BALL A1 CORNER
J
C
D
E
F
G
H
1 2
3 4 5 6 7 8
9 10
A
B
12 13 14 15
SCALE 1.300


Similar Part No. - DS280BR810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820ZBLR TI1-DS280BR820ZBLR Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820ZBLT TI1-DS280BR820ZBLT Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
More results

Similar Description - DS280BR810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com