Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C365AMT Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90C365AMT
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C365AMT Datasheet(HTML) 1 Page - Texas Instruments

  DS90C365AMT Datasheet HTML 1Page - Texas Instruments DS90C365AMT Datasheet HTML 2Page - Texas Instruments DS90C365AMT Datasheet HTML 3Page - Texas Instruments DS90C365AMT Datasheet HTML 4Page - Texas Instruments DS90C365AMT Datasheet HTML 5Page - Texas Instruments DS90C365AMT Datasheet HTML 6Page - Texas Instruments DS90C365AMT Datasheet HTML 7Page - Texas Instruments DS90C365AMT Datasheet HTML 8Page - Texas Instruments DS90C365AMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS90C365A
www.ti.com
SNLS181I – APRIL 2004 – REVISED APRIL 2013
+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
Check for Samples: DS90C365A
1
FEATURES
DESCRIPTION
The
DS90C365A
is
a
pin
to
pin
compatible
23
Pin-to-pin compatible to DS90C363,
replacement
for
DS90C363,
DS90C363A
and
DS90C363A and DS90C365
DS90C365. The DS90C365A has additional features
No special start-up sequence required
and improvements making it an ideal replacement for
between clock/data and /PD pins. Input signals
DS90C363, DS90C363A and DS90C365. family of
(clock and data) can be applied either before
LVDS Transmitters.
or after the device is powered.
The DS90C365A transmitter converts 21 bits of
Support Spread Spectrum Clocking up to
LVCMOS/LVTTL data into four LVDS (Low Voltage
100kHz frequency modulation & deviations of
Differential Signaling) data streams. A phase-locked
±2.5% center spread or -5% down spread.
transmit clock is transmitted in parallel with the data
streams over the fourth LVDS link. Every cycle of the
“Input Clock Detection” feature will pull all
transmit clock 21 bits RGB of input data are sampled
LVDS pairs to logic low when input clock is
and transmitted. At a transmit clock frequency of 87.5
missing and when /PD pin is logic high.
MHz, 21 bits of RGB data and 3 bits of LCD timing
18 to 87.5 MHz shift clock support
and control data (FPLINE, FPFRAME, DRDY) are
Tx power consumption < 146 mW (typ) at 87.5
transmitted at a rate of 612.5 Mbps per LVDS data
channel. Using a 87.5 MHz clock, the data throughput
MHz Grayscale
is 229.687 Mbytes/sec. This transmitter can be
Tx Power-down mode < 37 uW (typ)
programmed for Rising edge strobe or Falling edge
Supports VGA, SVGA, XGA, SXGA (dual pixel),
strobe through a dedicated pin. A Rising edge or
SXGA+ (dual pixel), UXGA (dual pixel).
Falling edge strobe transmitter will interoperate with a
Falling edge strobe FPDLink Receiver without any
Narrow bus reduces cable size and cost
translation logic.
Up to 1.785 Gbps throughput
This chipset is an ideal means to solve EMI and
Up to 223.125 Megabytes/sec bandwidth
cable size problems associated with wide, high-speed
345 mV (typ) swing LVDS devices for low EMI
TTL interfaces with added Spead Spectrum Clocking
PLL requires no external components
support..
Compliant to TIA/EIA-644 LVDS standard
Low profile 48-lead TSSOP package
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C365AMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C365AMT NSC-DS90C365AMT Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
logo
Texas Instruments
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
More results

Similar Description - DS90C365AMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A_05 Datasheet
620Kb / 12P
   3.3V programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI1-DS90C385A_15 Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A_06 Datasheet
646Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C365A NSC-DS90C365A Datasheet
622Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-85 MHz
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com