Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP02 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP02 Datasheet(HTML) 5 Page - Texas Instruments

  DS90CP02 Datasheet HTML 1Page - Texas Instruments DS90CP02 Datasheet HTML 2Page - Texas Instruments DS90CP02 Datasheet HTML 3Page - Texas Instruments DS90CP02 Datasheet HTML 4Page - Texas Instruments DS90CP02 Datasheet HTML 5Page - Texas Instruments DS90CP02 Datasheet HTML 6Page - Texas Instruments DS90CP02 Datasheet HTML 7Page - Texas Instruments DS90CP02 Datasheet HTML 8Page - Texas Instruments DS90CP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS90CP02
www.ti.com
SNLS267A – NOVEMBER 2008 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
−0.3V to +4.0V
CMOS Input Voltage
−0.3V to (VDD +0.3V)
LVDS Receiver Input Voltage
−0.3V to +3.6V
LVDS Driver Output Voltage
−0.3V to +3.6V
LVDS Output Short Circuit Current
40mA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering, 4sec.)
+260°C
Maximum Package Power Dissipation at 25°C
UQFN-28
4.31 W
Derating above 25°C
UQFN-28
34.5 mW/°C
Thermal Resistance,
θJA
UQFN-28
29°C/W
ESD Rating
HBM, 1.5 k
Ω, 100 pF
6.5 kV
EIAJ, 0
Ω, 200 pF
>250V
(1)
“Absolute Maximum Ratings” are the ratings beyond which the safety of the device cannot be guaranteed. They are not meant to imply
that the device should be operated at these limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Recommended Operating Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD– GND)
3.0
3.3
3.6
V
Receiver Input Voltage
0
3.6
V
Operating Free Air Temperature
−40
25
85
°C
Junction Temperature
150
°C
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90CP02


Similar Part No. - DS90CP02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SPNOPB TI1-DS90CP02SPNOPB Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02SPXNOPB TI1-DS90CP02SPXNOPB Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
More results

Similar Description - DS90CP02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com