Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C185 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C185
Description  Low Power 1.8V FPD-Link (LVDS) Serializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C185 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90C185 Datasheet HTML 6Page - Texas Instruments DS90C185 Datasheet HTML 7Page - Texas Instruments DS90C185 Datasheet HTML 8Page - Texas Instruments DS90C185 Datasheet HTML 9Page - Texas Instruments DS90C185 Datasheet HTML 10Page - Texas Instruments DS90C185 Datasheet HTML 11Page - Texas Instruments DS90C185 Datasheet HTML 12Page - Texas Instruments DS90C185 Datasheet HTML 13Page - Texas Instruments DS90C185 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
20
40
60
80
100
120
20
25
30
35
40
45
50
55
60
FREQUENCY (MHz)
VODSEL = L, 18B = L
VODSEL = H, 18B = L
VODSEL = L, 18B = H
VODSEL = H, 18B = H
bit 1
n-1
bit 0
n-1
bit 6
n
bit 5
n
bit 4
n
bit 3
n
bit 2
n
bit 1
n
bit 0
n
Cycle N
1UI
2UI
3UI
4UI
5UI
6UI
7UI
TxCLKOUT
TxOUT[3:0]+/-
PDB
CLK
TxCLKOUT
(Diff.)
VDD
GND
(LVDS)
GND
VDD
TPDD
50%
VDD
PDB
CLK
TxCLKOUT
(Diff.)
1.8V
VDD
GND
(LVDS)
GND
VDD
GND
TPLLS
DS90C185
SNLS402D – FEBRUARY 2012 – REVISED FEBRUARY 2013
www.ti.com
AC Timing Diagrams (continued)
Figure 8. DS90C185 (Transmitter) Phase Lock Loop Set Time
Figure 9. Transmitter Power Down Delay
Figure 10. Transmitter LVDS Output Pulse Position Measurement - DS90C185
Figure 11. Typ Current Draw — PRBS-7 Data Pattern
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90C185


Similar Part No. - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQ-NOPB TI-DS90C185SQ-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQE-NOPB TI-DS90C185SQE-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQX-NOPB TI-DS90C185SQX-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
More results

Similar Description - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com