Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C185 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C185
Description  Low Power 1.8V FPD-Link (LVDS) Serializer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C185 Datasheet(HTML) 1 Page - Texas Instruments

  DS90C185 Datasheet HTML 1Page - Texas Instruments DS90C185 Datasheet HTML 2Page - Texas Instruments DS90C185 Datasheet HTML 3Page - Texas Instruments DS90C185 Datasheet HTML 4Page - Texas Instruments DS90C185 Datasheet HTML 5Page - Texas Instruments DS90C185 Datasheet HTML 6Page - Texas Instruments DS90C185 Datasheet HTML 7Page - Texas Instruments DS90C185 Datasheet HTML 8Page - Texas Instruments DS90C185 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DISPLAY MODULE
SXGA+ Resolution
TCON
w/ LVDS Interface
24-bit RGB
4 Control
Clock
1.8V
LVCMOS
FPD-Link
4D+C
LVDS
LVDS0+/-
LVDS1+/-
LVDS2+/-
LVDSC+/-
LVDS3+/-
R7-R0
G7-G0
B7-B0
HSync
VSync
DE
CLK
GPO/CNTL(L/R)
PDB
1.8V
DS90C185
FPD-Link
SERIALIZER
GPU
DS90C185
www.ti.com
SNLS402D – FEBRUARY 2012 – REVISED FEBRUARY 2013
DS90C185 Low Power 1.8V FPD-Link (LVDS) Serializer
Check for Samples: DS90C185
1
FEATURES
DESCRIPTION
The DS90C185 is a low-power serializer for portable
2
Typical power 50 mW at 75-MHz pclk
battery-powered applications that reduces the size of
Drives up to 1400x1050 at 60-Hz (SXGA+)
the RGB interface between the host GPU and the
Displays
display.
2.94 Gbps of throughput
24-bit RGB plus three video control signals are
Two operating modes: 24-bit and 18-bit RGB
serialized and translated to LVDS-compatible levels
and sent as a 4 data + clock (4D+C) reduced-width
25- to 105-MHz Pixel Clock support
LVDS compatible interface. The LVDS Interface is
Single 1.8-V Supply
compatible with FPD-Link (1) deserializers and many
Sleep Mode
LVDS
based
displays.
These
interfaces
are
Spread Spectrum Clock compatibility
commonly supported in LCD modules with “LVDS” or
FPD-Link / FlatLink single-pixel input interfaces.
Small 6mm x 6mm x 0.8mm WQFN package
Displays up to 1400x1050 at 60 fps are supported
APPLICATIONS
with 24-bpp color depth. 18 bpp may also be
supported by a dedicated mode with a 3D+C output.
eBooks
Power dissipation is minimized by the full LVCMOS
Media Tablet Devices
design and 1.8-V powered core and VDDIO rails.
Netbooks
The DS90C185 is offered in the small 48-pin WQFN
Portable Display Monitors
package and features single 1.8-V supply operation
for minimum power dissipation (50 mW typ).
System Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQ-NOPB TI-DS90C185SQ-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQE-NOPB TI-DS90C185SQE-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQX-NOPB TI-DS90C185SQX-NOPB Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
More results

Similar Description - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
[Old version datasheet]   Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
[Old version datasheet]   FPD-Link III Serializer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
[Old version datasheet]   1080p HDMI to FPD-Link III Bridge Serializer
DS90UB929-Q1 TI1-DS90UB929-Q1 Datasheet
1Mb / 71P
[Old version datasheet]   720p HDMI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   2K HDMI-to-FPD-Link III Bridge Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com