Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51225BRUKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51225BRUKR
Description  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225BRUKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51225BRUKR Datasheet HTML 2Page - Texas Instruments TPS51225BRUKR Datasheet HTML 3Page - Texas Instruments TPS51225BRUKR Datasheet HTML 4Page - Texas Instruments TPS51225BRUKR Datasheet HTML 5Page - Texas Instruments TPS51225BRUKR Datasheet HTML 6Page - Texas Instruments TPS51225BRUKR Datasheet HTML 7Page - Texas Instruments TPS51225BRUKR Datasheet HTML 8Page - Texas Instruments TPS51225BRUKR Datasheet HTML 9Page - Texas Instruments TPS51225BRUKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS51225, TPS51225B, TPS51225C
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVIN= 12 V, VVO1= 5 V, VVFB1= VVFB2= 2 V, VEN1= VEN2= 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT DISCHARGE
TA = 25°C, VVO1 = 0.5 V
RDIS1
CH1 discharge resistance
35
Ω
VEN1 = VEN2 = 0 V
TA = 25°C, VSW2 = 0.5 V
RDIS2
CH2 discharge resistance
75
Ω
VEN1 = VEN2 = 0 V
RDIS2
CH2 discharge resistance
TA = 25°C, VSW2 = 0.5 V, VEN1 = VEN2 = 0 V (TPS51225C)
70
Ω
SOFT START OPERATION
tSS
Soft-start time
From ENx="Hi" and VVREG5 > VUVLO5 to VOUT = 95%
0.91
ms
tSSRAMP
Soft-start time (ramp-up)
VOUT= 0% to VOUT = 95%, VVREG5 = 5 V
0.78
ms
POWER GOOD
Lower (rising edge of PG-in)
92.5%
95.0%
97.5%
Hysteresis
5%
VPGTH
PG threshold
Upper (rising edge of PG-out)
107.5% 110.0% 112.5%
Hysteresis
5%
IPGMAX
PG sink current
VPGOOD = 0.5 V
6.5
mA
IPGLK
PG leak current
VPGOOD = 5.5 V
1
µA
tPGDEL
PG delay
From PG lower threshold (95%=typ) to PG flag high
0.7
ms
CURRENT SENSING
ICS
CS source current
TA = 25°C, VCS= 0.4 V
9
10
11
μA
TCCS
CS current temperature coefficient(1)
On the basis of 25°C
4500
ppm/°C
VCS
CS Current limit setting range
0.2
2
V
VZC
Zero cross detection offset
TA = 25°C
–1
1
3
mV
LOGIC THRESHOLD
VENX(ON)
EN threshold high-level
SMPS on level
1.6
V
VENX(OFF)
EN threshold low-level
SMPS off level
0.3
V
IEN
EN input current
VENx= 3.3 V
–1
1
µA
OUTPUT OVERVOLTAGE PROTECTION
VOVP
OVP trip threshold
112.5% 115.0% 117.5%
tOVPDLY
OVP propagation delay
TA = 25°C
0.5
µs
OUTPUT UNDERVOLTAGE PROTECTION
VUVP
UVP trip Threshold
55%
60%
65%
tUVPDLY
UVP prop delay
250
µs
tUVPENDLY
UVP enable delay
From ENx ="Hi", VVREG5 = 5 V
1.35
ms
UVLO
Wake up
4.58
V
VUVL0VIN
VIN UVLO Threshold
Hysteresis
0.5
V
Wake up
4.38
V
VUVLO5
VREG5 UVLO Threshold
Hysteresis
0.4
V
Wake up
3.15
V
VUVLO3
VREG3 UVLO Threshold
Hysteresis
0.15
V
OVER TEMPERATURE PROTECTION
Shutdown temperature
155
TOTP
OTP threshold(1)
°C
Hysteresis
10
(1)
Ensured by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51225 TPS51225B TPS51225C


Similar Part No. - TPS51225BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225BRUKR TI1-TPS51225BRUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51225BRUKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com