Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51312 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51312
Description  3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51312 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51312 Datasheet HTML 1Page - Texas Instruments TPS51312 Datasheet HTML 2Page - Texas Instruments TPS51312 Datasheet HTML 3Page - Texas Instruments TPS51312 Datasheet HTML 4Page - Texas Instruments TPS51312 Datasheet HTML 5Page - Texas Instruments TPS51312 Datasheet HTML 6Page - Texas Instruments TPS51312 Datasheet HTML 7Page - Texas Instruments TPS51312 Datasheet HTML 8Page - Texas Instruments TPS51312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS51312
www.ti.com
SLUSB57 – SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, VIN = 5 V, VCC = 5 V, VEN = 3.3 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Supply voltage
3.1
5.5
V
VCC
Supply voltage
3.1
5.5
V
SUPPLY CURRENT
IIN
Input voltage supply current
EN = High
100
μA
ISD
Input voltage shutdown current
EN = Low
12
μA
IVCC(in)
VCC supply current
EN = High
700
μA
IVCC(sd)
VCC shutdown current
EN = Low, TA = 25°C
20
μA
VFB REFERNCE VOLTAGE
VFBREF
Reference voltage
0.6
V
VFBREFTOL
Reference voltage tolerance
TA = 25°C
–1%
1%
IFB
Feedback pin leakage current
–100
100
nA
SMPS FREQUENCY
fSW
Switching frequency
0.9
MHz
tOFF(min)
Minimum off-time
110
190
270
ns
SW node high, VIN = 5 V
9
tDEAD
Dead time(1)
ns
SW node low, VIN = 5 V
10
LOGIC THRESHOLD AND CURRENT
VLL
EN low-level voltage
0.8
V
VLH
EN high-level voltage
1.5
V
ILLK
EN input leakage current
VIN = VCC = 3.3 V
–3
1
3
µA
MOSFET
RDS(on)_H
VIN = 5 V
81
On-resistance(1)
m
Ω
RDS(on)_L
VIN = 5 V
41
SOFT-START
tSS
Soft-start time(1)
VFB rising from 0 V to 0.6 V
300
µs
PGOOD COMPARATOR
PGOOD out to higher w/r/t VFB
130%
VPGTH
PGOOD threshold
PGOOD out to lower w/r/t VFB
50%
tPGDLY
PGOOD high delay time
Delay for PGOOD in, after EN = Hi
1.3
ms
IPGLK
PGOOD leakage current
–1
0
1
μA
PROTECTIONS
Valley current limit, VIN = VCC = 3.3 V,
IOCL
Current limit threshold
4.8
A
TA = 25°C
Wake-up
2.85
2.95
3.05
VIN_UVLO
VIN UVLO threshold voltage
V
Shutdown
2.6
2.7
2.8
Wake-up
2.85
2.95
3.05
VCC_UVLO
VCC UVLO threshold voltage
V
Shutdown
2.6
2.7
2.8
VOVP
OVP threshold voltage
OVP detect
130%
tOVP
OVP delay time
Overdrive = 100 mV
1.9
µs
VUVP
UVP threshold voltage
UVP detect
50%
tUVPDLY
UVP delay time
Overdrive = 100 mV
2.4
µs
(1)
Specified by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS51312


Similar Part No. - TPS51312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312DRCR TI-TPS51312DRCR Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312DRCT TI-TPS51312DRCT Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
More results

Similar Description - TPS51312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
Rohm
BD90532EFJ-C ROHM-BD90532EFJ-C Datasheet
904Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90535EFJ-C ROHM-BD90535EFJ-C Datasheet
806Kb / 21P
   2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com