Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51225 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS51225
Description  Dual Synchronous, Step-Down Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51225 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51225_15 Datasheet HTML 6Page - Texas Instruments TPS51225_15 Datasheet HTML 7Page - Texas Instruments TPS51225_15 Datasheet HTML 8Page - Texas Instruments TPS51225_15 Datasheet HTML 9Page - Texas Instruments TPS51225_15 Datasheet HTML 10Page - Texas Instruments TPS51225_15 Datasheet HTML 11Page - Texas Instruments TPS51225_15 Datasheet HTML 12Page - Texas Instruments TPS51225_15 Datasheet HTML 13Page - Texas Instruments TPS51225_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
( )
(
)
-
´
=
´
´ ´
IN
OUT
OUT
OUT LL
SW
IN
V
V
V
1
I
2
L
f
V
TPS51225, TPS51225B, TPS51225C
SLUSAV0B – JANUARY 2012 – REVISED SEPTEMBER 2012
www.ti.com
DETAILED DESCRIPTION
PWM Operations
The main control loop of the switch mode power supply (SMPS) is designed as an adaptive on-time pulse width
modulation (PWM) controller. It supports a proprietary D-CAP™ mode. D-CAP™ mode does not require external
conpensation circuit and is suitable for low external component count configuration when used with appropriate
amount of ESR at the output capacitor(s).
At the beginning of each cycle, the synchronous high-side MOSFET is turned on, or enters the ON state. This
MOSFET is turned off, or enters the ‘OFF state, after the internal, one-shot timer expires. The MOSFET is turned
on again when the feedback point voltage, VVFB, decreased to match the internal 2-V reference. The inductor
current information is also monitored and should be below the overcurrent threshold to initiate this new cycle. By
repeating the operation in this manner, the controller regulates the output voltage. The synchronous low-side
(rectifying) MOSFET is turned on at the beginning of each OFF state to maintain a minimum of conduction loss.
The low-side MOSFET is turned off before the high-side MOSFET turns on at next switching cycle or when
inductor current information detects zero level. This enables seamless transition to the reduced frequency
operation during light-load conditions so that high efficiency is maintained over a broad range of load current.
Adaptive On-Time/ PWM Frequency Control
Bacause the TPS51225/B/C does not have a dedicated oscillator for control loop on board, switching cycle is
controlled by the adaptive on-time circuit. The on-time is controlled to meet the target switching frequency by
feed-forwarding the input and output voltage into the on-time one-shot timer. The target switching frequency is
varied according to the input voltage to achieve higher duty operation for lower input voltage application. The
switching frequency of CH1 (5-V output) is 300 kHz during continuous conduction mode (CCM) operation when
VIN = 20 V. The CH2 (3.3-V output) is 355 kHz during CCM when VIN = 20 V.
Light Load Condition in Auto-Skip Operation (TPS51225/C)
The TPS51225/C automatically reduces switching frequency during light-load conditions to maintain high
efficiency. This reduction of frequency is achieved smoothly and without an increase in output voltage ripple. A
more detailed description of this operation is as follows. As the output current decreases from heavy-load
condition, the inductor current is also reduced and eventually approaches valley zero current, which is the
boundary between continuous conduction mode and discontinuous conduction mode. The rectifying MOSFET is
turned off when this zero inductor current is detected. As the load current further decreases, the converter runs in
discontinuous conduction mode and it takes longer and longer to discharge the output capacitor to the level that
requires the next ON cycle. The ON time is maintained the same as that in the heavy-load condition. In reverse,
when the output current increase from light load to heavy load, the switching frequency increases to the preset
value as the inductor current reaches to the continuous conduction. The transition load point to the light load
operation IOUT(LL) (i.e. the threshold between continuous and discontinuous conduction mode) can be calculated
as shown in Equation 1.
where
fSW is the PWM switching frequency
(1)
Switching frequency versus output current during light-load conditions is a function of inductance (L), input
voltage (VIN) and output voltage (VOUT), but it decreases almost proportional to the output current from the
IOUT(LL).
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51225 TPS51225B TPS51225C


Similar Part No. - TPS51225_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51225_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com