Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDC1050DMBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1050DMBT
Description  Low Power High Accuracy Digital Humidity Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1050DMBT Datasheet(HTML) 3 Page - Texas Instruments

  HDC1050DMBT Datasheet HTML 1Page - Texas Instruments HDC1050DMBT Datasheet HTML 2Page - Texas Instruments HDC1050DMBT Datasheet HTML 3Page - Texas Instruments HDC1050DMBT Datasheet HTML 4Page - Texas Instruments HDC1050DMBT Datasheet HTML 5Page - Texas Instruments HDC1050DMBT Datasheet HTML 6Page - Texas Instruments HDC1050DMBT Datasheet HTML 7Page - Texas Instruments HDC1050DMBT Datasheet HTML 8Page - Texas Instruments HDC1050DMBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Top View
1
SDA
2
GND
NC
3
NC
4
VDD
5
SCL
6
RH
SENSOR
HDC1050
www.ti.com
SNAS658C – MAY 2015 – REVISED DECEMBER 2015
6 Pin Configuration and Functions
DMB Package
6 Pin PWSON
Top View
Pin Functions
PIN
I/O TYPE(1)
DESCRIPTION
NAME
NO.
SDA
1
I/O
Serial data line for I2C, open-drain; requires a pull-up resistor to VDD
GND
2
G
Ground
NC
3,4
-
These pins may be left floating, or connected to GND
VDD
5
P
Supply Voltage
SCL
6
I
Serial clock line for I2C, open-drain; requires a pull-up resistor to VDD
DAP
DAP
G
Die Attach Pad. Should be left floating. (On bottom of the device, not shown in the figure)
(1)
P=Power, G=Ground, I=Input, O=Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: HDC1050


Similar Part No. - HDC1050DMBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050DMBT TI1-HDC1050DMBT Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
More results

Similar Description - HDC1050DMBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com