Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS3411RWARQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3411RWARQ1
Description  One Channel Differential 2:1 Mux/Demux
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3411RWARQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS3411RWARQ1 Datasheet HTML 6Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 7Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 8Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 9Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 10Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 11Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 12Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 13Page - Texas Instruments HD3SS3411RWARQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
HD3SS3411-Q1
SLASE82A – JUNE 2015 – REVISED JULY 2015
www.ti.com
9.3 Design Requirements
For this design example, use the values shown in Table 3.
Table 3. Design Paramerters
PARAMETER
VALUE
VCC voltage
3.3 V
Ap/n, Bp/n, Cp/n CM input voltage
0 V to 2 V
SEL/OEn pin max voltage for low
0 V
SEL/OEn pin min voltage for high
3.3 V
9.4 Detailed Design Procedure
9.4.1 AC Coupling Capacitors
Many interfaces require AC coupling between the transmitter and receiver. The 0402 capacitors are the preferred
option to provide AC coupling, and the 0603 size capacitors will also work. The 0805 size capacitors and C-
packs should be avoided. When placing AC coupling capacitors symmetric placement is best. A capacitor value
of 0.1 µF is best and the value should be match for the ± signal pair. The placement should be along the TX
pairs on the system board, which are usually routed on the top layer of the board.
There are several placement options for the AC coupling capacitors. Because the switch requires a bias voltage,
the capacitors must only be placed on one side of the switch. If they are placed on both sides of the switch, a
biasing voltage should be provided. A few placement options are shown below. In Figure 4, the coupling
capacitors are placed between the switch and endpoint. In this situation, the switch is biased by the system/host
controller.
Figure 4. AC Coupling Capacitors Between Switch TX and Endpoint TX
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS3411-Q1


Similar Part No. - HD3SS3411RWARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411IRWAR TI1-HD3SS3411IRWAR Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411IRWAT TI1-HD3SS3411IRWAT Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
More results

Similar Description - HD3SS3411RWARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
[Old version datasheet]   HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com