Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS215IZQET Datasheet(PDF) 6 Page - Texas Instruments

Part # HD3SS215IZQET
Description  6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215IZQET Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS215IZQET Datasheet HTML 2Page - Texas Instruments HD3SS215IZQET Datasheet HTML 3Page - Texas Instruments HD3SS215IZQET Datasheet HTML 4Page - Texas Instruments HD3SS215IZQET Datasheet HTML 5Page - Texas Instruments HD3SS215IZQET Datasheet HTML 6Page - Texas Instruments HD3SS215IZQET Datasheet HTML 7Page - Texas Instruments HD3SS215IZQET Datasheet HTML 8Page - Texas Instruments HD3SS215IZQET Datasheet HTML 9Page - Texas Instruments HD3SS215IZQET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
HD3SS215, HD3SS215I
SLAS971D – MAY 2014 – REVISED OCTOBER 2015
www.ti.com
Pin Functions
PIN
NO.
I/O
DESCRIPTION(1)
NAME
ZQE
RTQ
Dx_SEL
A1
56
2 Level Control I
High Speed Port Selection Control Pins
AUX_SEL
C2
1
3 Level Control I
AUX/DDC Selection Control Pin in Conjunction with Dx_SEL Pin
DA0(p)
B4
54
Port A, Channel 0, High Speed Positive Signal
I/O
DA0(n)
A4
53
Port A, Channel 0, High Speed Negative Signal
DA1(p)
B5
51
Port A, Channel 1, High Speed Positive Signal
I/O
DA1(n)
A5
50
Port A, Channel 1, High Speed Negative Signal
DA2(p)
B6
48
Port A, Channel 2, High Speed Positive Signal
I/O
DA2(n)
A6
47
Port A, Channel 2, High Speed Negative Signal
DA3(p)
A8
45
Port A, Channel 3, High Speed Positive Signal
I/O
DA3(n)
A9
44
Port A, Channel 3, High Speed Negative Signal
DB0(p)
B8
41
Port B, Channel 0, High Speed Positive Signal
I/O
DB0(n)
B9
40
Port B, Channel 0, High Speed Negative Signal
DB1(p)
D8
38
Port B, Channel 1, High Speed Positive Signal
I/O
DB1(n)
D9
37
Port B, Channel 1, High Speed Negative Signal
DB2(p)
E8
35
Port B, Channel 2, High Speed Positive Signal
I/O
DB2(n)
E9
34
Port B, Channel 2, High Speed Negative Signal
DB3(p)
F8
32
Port B, Channel 3, High Speed Positive Signal
I/O
DB3(n)
F9
31
Port B, Channel 3, High Speed Negative Signal
DC0(p)
B2
2
Port C, Channel 0, High Speed Positive Signal
I/O
DC0(n)
B1
3
Port C, Channel 0, High Speed Negative Signal
DC1(p)
D2
5
Port C, Channel 1, High Speed Positive Signal
I/O
DC1(n)
D1
6
Port C, Channel 1, High Speed Negative Signal
DC2(p)
E2
8
Port C, Channel 2, High Speed Positive Signal
I/O
DC2(n)
E1
9
Port C, Channel 2, High Speed Negative Signal
DC3(p)
F2
11
Port C, Channel 3, High Speed Positive Signal
I/O
DC3(n)
F1
12
Port C, Channel 3, High Speed Negative Signal
AUXA(p)
H9
30
Port A AUX Positive Signal
I/O
AUXA(n)
J9
29
Port A AUX Negative Signal
AUXB(p)
H6
24
Port B AUX Positive Signal
I/O
AUXB(n)
J6
25
Port B AUX Negative Signal
AUXC(p)
H2
13
Port C AUX Positive Signal
I/O
AUXC(n)
H1
14
Port C AUX Negative Signal
DDCCLK_A
H8
27
Port A DDC Clock Signal
I/O
DDCDAT_A
J8
28
Port A DDC Data Signal
DDCCLK_B
H5
22
Port B DDC Clock Signal
I/O
DDCDAT_B
J5
23
Port B DDC Data Signal
DDCCLK_C
J3
18
Port C DDC Clock Signal
I/O
DDCDAT_C
J7
26
Port C DDC Data Signal
HPDA/B/C
J2, H3, J1
16, 17, 15
I/O
Port A/B/C Hot Plug Detect
Output Enable:
OE
B7
43
I
OE = VIH: Normal Operation
OE = VIL: Standby Mode
VDD
A2, J4
19, 55
Supply
3.3 V Positive power supply voltage
4, 7, 10, 33,
B3, C8, G2,
GND
36, 39, 46,
Supply
Ground
G8 H4, H7
49, 52
NC
20, 21, 42
Not connected
Thermal Pad
GND
Supply Ground
(1)
Only the high speed data DAz/DBz ports incorporate 20k
Ω pull down resistors that are switched in when a port is not selected and
switched out when the port is selected.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: HD3SS215


Similar Part No. - HD3SS215IZQET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215IZQET TI-HD3SS215IZQET Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS215IZQET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com