Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS2522RHU Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS2522RHU
Description  USB Type-C SS MUX
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS2522RHU Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS2522RHU Datasheet HTML 5Page - Texas Instruments HD3SS2522RHU Datasheet HTML 6Page - Texas Instruments HD3SS2522RHU Datasheet HTML 7Page - Texas Instruments HD3SS2522RHU Datasheet HTML 8Page - Texas Instruments HD3SS2522RHU Datasheet HTML 9Page - Texas Instruments HD3SS2522RHU Datasheet HTML 10Page - Texas Instruments HD3SS2522RHU Datasheet HTML 11Page - Texas Instruments HD3SS2522RHU Datasheet HTML 12Page - Texas Instruments HD3SS2522RHU Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HD3SS2522
www.ti.com
SLLSEM6B – APRIL 2015 – REVISED AUGUST 2015
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AxP/N, BxP/N, CxP/N
Inter-pair output skew
tSK(O)
20
ps
(channel-channel)
RSC and RL = 50 Ω
tSK(b-b)
Inter-pair output skew (bit-bit)
8
ps
CON
Outputs ON capacitance
VIN = 0 V, outputs open, switch ON
1.5
pF
COFF
Outputs OFF capacitance
VIN = 0 V, outputs open, switch OFF
1
pF
VCC = 3.3 V, VCM = 0.5 V – 1.5 V,
RON
Output ON resistance
5
8
Ω
IO = –8 mA
On resistance match between
2
channels
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 1.2 V;
ΔRON
Ω
IO = –8 mA
On resistance match between pairs
0.7
of the same channel
On resistance flatness
R(FLAT_ON)
VCC = 3.3 V; –0.35 V ≤ VIN ≤ 1.2 V
1.15
Ω
[RON(MAX) – RON(MIN)]
f = 2.5 GHz
–12
Differential input return loss
RL
dB
(VCM = 0 V)
f = 4 GHz
–11
f = 2.5 GHz
–39
XTALK
Differential crosstalk (VCM = 0 V)
dB
f = 4 GHz
–35
f = 2.5 GHz
–22
OIRR
Differential off-isolation (VCM = 0 V)
dB
f = 4 GHz
–19
f = 2.5 GHz
–1.1
Differential insertion loss
IL
dB
(VCM = 0 V)
f = 4 GHz
–1.5
BW
Bandwidth
At 3 dB
6
GHz
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: HD3SS2522


Similar Part No. - HD3SS2522RHU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS2521 TI-HD3SS2521 Datasheet
363Kb / 18P
[Old version datasheet]   DockPort Controller
HD3SS2521 TI1-HD3SS2521 Datasheet
906Kb / 20P
[Old version datasheet]   DockPort Controller
HD3SS2521RHUR TI1-HD3SS2521RHUR Datasheet
906Kb / 20P
[Old version datasheet]   DockPort Controller
HD3SS2521RHUT TI1-HD3SS2521RHUT Datasheet
906Kb / 20P
[Old version datasheet]   DockPort Controller
HD3SS2521 TI1-HD3SS2521_16 Datasheet
906Kb / 20P
[Old version datasheet]   DockPort Controller
More results

Similar Description - HD3SS2522RHU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7002 MICROCHIP-USB7002 Datasheet
519Kb / 56P
   4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
   MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
Texas Instruments
HD3SS460 TI1-HD3SS460 Datasheet
1Mb / 34P
[Old version datasheet]   4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS460 TI1-HD3SS460_17 Datasheet
1Mb / 37P
[Old version datasheet]   4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
[Old version datasheet]   USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS460 TI-HD3SS460_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS460 4 x 6 Channels USB Type-C Alternate Mode MUX
logo
VITALCONN ELECTRONICS H...
UC41D3XLXXX VITALCONN-UC41D3XLXXX Datasheet
290Kb / 2P
   TYPE C USB
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
[Old version datasheet]   HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com