Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD75232DWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232DWR
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD75232DWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button GD75232DWR Datasheet HTML 7Page - Texas Instruments GD75232DWR Datasheet HTML 8Page - Texas Instruments GD75232DWR Datasheet HTML 9Page - Texas Instruments GD75232DWR Datasheet HTML 10Page - Texas Instruments GD75232DWR Datasheet HTML 11Page - Texas Instruments GD75232DWR Datasheet HTML 12Page - Texas Instruments GD75232DWR Datasheet HTML 13Page - Texas Instruments GD75232DWR Datasheet HTML 14Page - Texas Instruments GD75232DWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the GD65232 and GD75232 in the fault condition in which
the device outputs are shorted to
±15 V and the power supplies are at low and provide low-impedance paths to ground
(see Figure 15).
VDD
VSS
±15 V
Output
GD65232,
GD75232
GD65232,
GD75232
VSS
VDD
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F
GD65232,
GD75232
5 V
TL16C450
ACE
−12 V
TIA/EIA-232-F
DB9S
Connector
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
12 V
5
9
6
1
C3
C2
C1
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
VCC
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
VDD
VSS
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
Figure 16. Typical Connection


Similar Part No. - GD75232DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75232DWR TI-GD75232DWR Datasheet
400Kb / 18P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75232DWR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com