Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD75323 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # GD75323
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD75323 Datasheet(HTML) 5 Page - Texas Instruments

  GD75323 Datasheet HTML 1Page - Texas Instruments GD75323 Datasheet HTML 2Page - Texas Instruments GD75323 Datasheet HTML 3Page - Texas Instruments GD75323 Datasheet HTML 4Page - Texas Instruments GD75323 Datasheet HTML 5Page - Texas Instruments GD75323 Datasheet HTML 6Page - Texas Instruments GD75323 Datasheet HTML 7Page - Texas Instruments GD75323 Datasheet HTML 8Page - Texas Instruments GD75323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
GD75323
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS213A – JANUARY 1996 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 9 V, VSS = –9 V,
VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VIL = 0.8 V,
RL = 3 kΩ,
See Figure 1
6
7.5
V
VOL
Low-level output voltage (see Note 3)
VIH = 1.9 V,
RL = 3 kΩ,
See Figure 1
– 7.5
–6
V
IIH
High-level input current
VI = 5 V,
See Figure 2
10
µA
IIL
Low-level input current
VI = 0,
See Figure 2
– 1.6
mA
IOS(H)
High-level short-circuit output current
(see Note 4)
VIL = 0.8 V,
VO = 0,
See Figure 1
– 4.5
–9
– 19.5
mA
IOS(L)
Low-level short-circuit output current
VIH = 2 V,
VO = 0,
See Figure 1
4.5
9
19
mA
ro
Output resistance (see Note 5)
VCC = VDD = VSS = 0,
VO = – 2 V to 2 V
300
NOTES:
3. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if – 10 V is maximum, the typical value is a more negative voltage.
4. Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
5. Test conditions are those specified by TIA/EIA-232-F and as listed above.
switching characteristics, VDD = 12 V, VSS = –12 V, VCC = 5 V ±10%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
315
500
ns
tPHL
Propagation delay time, high- to low-level output
L
,
See Figure 3
L
,
75
175
ns
tTLH
Transition time low to high level output
RL = 3 kΩ to 7 kΩ,
See Figure 3
CL = 15 pF,
60
100
ns
tTLH
Transition time, low- to high-level output
RL = 3 kΩ to 7 kΩ,
See Figure 3 and Note 6
CL = 2500 pF,
1.7
2.5
µs
tTHL
Transition time, high- to low-level output (see
RL = 3 kΩ to 7 kΩ,
See Figure 3
CL = 15 pF,
40
75
ns
tTHL
g(
Note 5)
RL = 3 kΩ to 7 kΩ,
See Figure 3 and Note 7
CL = 2500 pF,
1.5
2.5
µs
NOTES:
6. Measured between – 3-V and 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied either high
or low.
7. Measured between 3-V and – 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied either high
or low.


Similar Part No. - GD75323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DW TI-GD75323DW Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323N TI-GD75323N Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75323

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com