Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80PCI810NJYT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810NJYT
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810NJYT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS80PCI810NJYT Datasheet HTML 6Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 7Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 8Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 9Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 10Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 11Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 12Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 13Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
DS80PCI810
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPDEQ
Differential propagation delay
EQ = Level 1 to Level 4
80
ps
EQ = Level 4, VOD = Level 6,
PRBS-7, 8 Gbps
VTx-CM-AC-PP
AC common mode voltage
Measured over >106 bits using a
20
mVp-p
low pass filter with a -3 dB corner
frequency at 4 GHz(4)
VDISABLE-OUT
Tx disable output voltage
Driver disabled via PWDN
1
mVp-p
Driver enabled, EQ = Level 4,
VTx-IDLE-DIFF-AC-p
Tx idle differential peak output voltage
8
mV
VOD = Level 7 (Max)(5)
TTx-IDLE-SET-TO-
Time to transition to idle after
VID = 1.0 Vp-p, 1.5 Gbps
0.70
ns
IDLE
differential signal
TTx-IDLE-TO-DIFF-
Time to transition to valid differential
VID = 1.0 Vp-p, 1.5 Gbps
0.04
ns
DATA
signal after idle
Evaluation Module (EVM) Only,
FR4,
VID = 800 mVp-p, EQ = Level 1
RJADD
Additive Random Jitter
0.36
ps rms
PRBS15, 12 Gbps
VOD = Level 6
All other channels active(6)
EQUALIZATION
5” Differential Stripline, 5mil trace
width, FR4,
DJE1
Residual deterministic jitter at 6 Gbps
VID = 800 mVp-p,
0.06
UIp-p
PRBS15, EQ = Level 2,
VOD = Level 6
5” Differential Stripline, 5mil trace
width, FR4,
Residual deterministic jitter at 12
DJE2
VID = 800 mVp-p,
0.12
UIp-p
Gbps
PRBS15, EQ = Level 2,
VOD = Level 6
(4)
Tx Common Mode AC noise decreases at lower levels of EQ gain.
(5)
Tested with a valid idle signal on the input with peak differential voltage of 6 mV.
(6)
Additive random jitter is given in RMS value by the following equation: RJADD = √[(Output Jitter)
2 - (Input Jitter)2]. Typical input jitter for
these measurements is 150 fs rms.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated


Similar Part No. - DS80PCI810NJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQ/NOPB TI1-DS80PCI800SQ/NOPB Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQE TI1-DS80PCI800SQE Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS80PCI810NJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com