Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80PCI810NJYT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810NJYT
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810NJYT Datasheet(HTML) 1 Page - Texas Instruments

  DS80PCI810NJYT Datasheet HTML 1Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 2Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 3Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 4Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 5Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 6Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 7Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 8Page - Texas Instruments DS80PCI810NJYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
VDD
INA_0+
INA_0-
AD0
AD1
AD2
AD3
ENSMB
SCL
(2)
READ_EN
ALL_DONE
SDA
(2)
OUTA_0+
OUTA_0-
.
.
.
.
.
.
GND
.
.
.
(1) Schematic requires different connections for SMBus Master Mode and Pin Mode
(2) SMBus signals need to be pulled up elsewhere in the system.
(3) Schematic requires different connections for 3.3 V mode
.
.
.
VDD
To system
SMBus
Address
straps
(pull-up or
pull-down)
1F
0.1F
(5x)
SMBus
Slave Mode
(1)
2.5V
.
.
.
INA_3+
INA_3-
OUTA_3+
OUTA_3-
SMBus
Slave Mode
(1)
VDD_SEL
VIN
2.5 V
Mode
(3)
INB_0+
INB_0-
OUTB_0+
OUTB_0-
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
INB_3+
INB_3-
OUTB_3+
OUTB_3-
10F
System Board
Root Complex
ASIC
or
PCIe EP
DS80PCI810
Bo
ard
Tra
ce
Connector
Connector
TX
RX
RX
TX
8
8
DS80PCI810
8
8
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS80PCI810
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
DS80PCI810 Low-Power 8 Gbps 8-Channel Linear Repeater
1 Features
3 Description
The DS80PCI810 is an extremely low-power high-
1
Low 70 mW/Channel (Typ) Power Consumption,
performance repeater/redriver designed to support
With Option to Power Down Unused Channels
eight channels carrying high speed interface up to 8
Seamless Link Training Support
Gbps, such as PCIe Gen-1, 2, and 3. The receiver's
Advanced Configurable Signal Conditioning I/O
continuous time linear equalizer (CTLE) provides high
frequency boost that is programmable from 2.7 to 9.5
Receive CTLE up to ~10 dB at 4 GHz
dB at 4 GHz (8 Gbps) followed by a linear output
Linear Output Driver
driver. The CTLE receiver is capable of opening an
Variable Output Voltage Range up to 1200
input eye that is completely closed due to inter
mVp-p
symbol interference (ISI) induced by interconnect
medium such as board traces or twin axial-copper
Automatic Receiver Detect (Hot-Plug)
cables. The programmable equalization maximizes
Ultra-Low Input-to-Output Latency: 80 ps (Typ)
the
flexibility
of
physical
placement
within
the
Programmable via Pin Selection, EEPROM, or
interconnect channel and improves overall channel
SMBus Interface
performance.
Single Supply Voltage: 2.5 V or 3.3 V
When
operating
in
PCIe
applications,
the
4 kV HBM ESD Rating
DS80PCI810
preserves
transmit
signal
characteristics, thereby allowing the host controller
−40°C to 85°C Operating Temperature Range
and the end point to negotiate transmit equalizer
Flow-Thru Layout in 10 mm x 5.5 mm 54-Pin
coefficients. This transparency in the link training
Leadless WQFN Package
protocol facilitates system level interoperability and
Pin Compatible with DS80PCI800
minimizes latency.
The programmable settings can be applied easily via
2 Applications
pin control, software (SMBus or I2C), or direct loading
from an external EEPROM. In EEPROM mode, the
PCI Express Gen-1, 2, and 3
configuration information is automatically loaded on
Other Proprietary High Speed Interfaces Up to 8
power up, thereby eliminating the need for an
Gbps
external microprocessor or software driver.
Simplified Functional Block Diagram
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS80PCI810
WQFN (54)
10 mm x 5.5 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS80PCI810NJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQ/NOPB TI1-DS80PCI800SQ/NOPB Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQE TI1-DS80PCI800SQE Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS80PCI810NJYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com