Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80PCI402 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS80PCI402
Description  2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI402 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS80PCI402_15 Datasheet HTML 4Page - Texas Instruments DS80PCI402_15 Datasheet HTML 5Page - Texas Instruments DS80PCI402_15 Datasheet HTML 6Page - Texas Instruments DS80PCI402_15 Datasheet HTML 7Page - Texas Instruments DS80PCI402_15 Datasheet HTML 8Page - Texas Instruments DS80PCI402_15 Datasheet HTML 9Page - Texas Instruments DS80PCI402_15 Datasheet HTML 10Page - Texas Instruments DS80PCI402_15 Datasheet HTML 11Page - Texas Instruments DS80PCI402_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
DS80PCI402
SNLS324E – APRIL 2011 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH-SPEED OUTPUTS
VTX-DIFF-PP
Output voltage differential swing Differential measurement with OUT_n+
0.8
1.0
1.2
and OUT_n-,
terminated by 50
Ω to GND,
Vp-p
AC-Coupled, VID = 1.0 Vp-p,
DEM0 = 1, DEM1 = 0(1)
VTX-DE-
TX de-emphasis ratio
VOD = 1.0 Vp-p,
–3.5
RATIO_3.5
DEM0 = 0, DEM1 = R
dB
Gen 1 & 2 modes only
VTX-DE-RATIO_6
TX de-emphasis ratio
VOD = 1.0 Vp-p,
–6
DEM0 = R, DEM1 = R
dB
Gen 1 & 2 modes only
TTX-DJ
Deterministic Jitter
VID = 800 mV, PRBS15 pattern, 8.0
0.05
Gbps, VOD = 1.0 V,
UIpp
EQ = 00, DE = 0 dB (no input or output
trace loss)
TTX-RJ
Random Jitter
VID = 800 mV, 0101 pattern, 8.0 Gbps,
0.3
VOD = 1.0 V,
ps RMS
EQ = 00, DE = 0 dB, (no input or
output trace loss)
TTX-RISE-FALL
TX rise/fall time
20% to 80% of differential output
35
45
ps
voltage(2)
TRF-MISMATCH
TX rise/fall mismatch
20% to 80% of differential output
0.01
0.1
UI
voltage(2)
RLTX-DIFF
TX differential return loss
0.05 to 1.25 GHz
–16
dB
1.25 to 2.5 GHz
–12
dB
2.5 to 4 GHz
–11
dB
RLTX-CM
TX common mode return loss
0.05 to 2.5 GHz
–12
dB
2.5 to 4 GHz
–8
dB
ZTX-DIFF-DC
DC differential TX impedance
100
Ω
VTX-CM-AC-PP
TX AC peak-peak common
VOD = 1.0 Vp-p,
100
mVp-p
mode voltage
DEM0 = 1, DEM1 = 0(2)
ITX-SHORT
TX short circuit current limit
Total current the transmitter can supply
20
mA
when shorted to VDD or GND
VTX-CM-DC-
Absolute delta of DC common
(2)
100
ACTIVE-IDLE-
mode voltage during L0 and
mV
DELTA
electrical idle
VTX-CM-DC-LINE- Absolute delta of DC common
(2)
25
DELTA
mode voltgae between TX+ and
mV
TX-
TTX-IDLE-DATA
Max time to transition to
VID = 1.0 Vp-p, 8 Gbps
3.5
differential DATA signal after
ns
IDLE
TTX-DATA-IDLE
Max time to transition to IDLE
VID = 1.0 Vp-p, 8 Gbps
6.2
ns
after differential DATA signal
TPLHD/PHLD
High-to-low and low-to-high
EQ = 00(3)
200
ps
differential propagation delay
TLSK
Lane-to-lane skew
T = 25° C, VDD = 2.5 V
25
ps
TPPSK
Part-to-part propagation delay
T = 25° C, VDD = 2.5 V
40
ps
skew
(1)
In GEN3 mode, the output VOD level is not fixed. It will be adjusted automatically based on the VID input amplitude level. The output
VOD level set by DEMA/B[1:0] in GEN3 mode is dependent on the VID level and the frequency content. The DS80PCI402 repeater in
GEN3 mode is designed to be transparent, so the TX-FIR (de-emphasis) is passed to the RX to support the PCIe GEN3 handshake
negotiation link training.
(2)
Parameter is characterized but not tested in production.
(3)
Propagation delay measurements will change slightly based on the level of EQ selected. EQ = 00 will result in the largest propagation
delays.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DS80PCI402


Similar Part No. - DS80PCI402_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI402SQ TI1-DS80PCI402SQ Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402SQE TI1-DS80PCI402SQE Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS80PCI402_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com