Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3068L-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3068L-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3068L-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3068L-7 Datasheet HTML 1Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 2Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 3Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 4Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 5Page - Diodes Incorporated DMP3068L-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP3068L
Document number: DS37536 Rev. 2 - 2
4 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP3068L
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 7 On-Resistance Variation with Temperature
0
0.05
0.1
0.15
0.2
-50
-25
0
25
50
75
100
125
150
V
= -2.5V
GS
I = -2.0A
D
V
= -4.5V
GS
I = -4.0A
D
T , JUNCTION TEMPERATURE (°C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125
150
I
= -250µA
D
I = -1mA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
10000
-30
-25
-20
-15
-10
-5
0
Crss
C oss
Ciss
f = 1MHz
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate-Charge Characteristics
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
V
= -15V
DS
I = -4A
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
RDS(on)
Limited
T
= 150°C
J(m ax)
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board


Similar Part No. - DMP3068L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3068L-7 DIODES-DMP3068L-7 Datasheet
348Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3068L-7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com