Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3065LVT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3065LVT
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3065LVT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3065LVT Datasheet HTML 1Page - Diodes Incorporated DMP3065LVT Datasheet HTML 2Page - Diodes Incorporated DMP3065LVT Datasheet HTML 3Page - Diodes Incorporated DMP3065LVT Datasheet HTML 4Page - Diodes Incorporated DMP3065LVT Datasheet HTML 5Page - Diodes Incorporated DMP3065LVT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP3065LVT
Document number: DS36697 Rev. 4 - 2
1 of 6
www.diodes.com
December 2014
© Diodes Incorporated
DMP3065LVT
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
-30V
42m
Ω @ VGS = -10V
-5.1A
65m
Ω @ VGS = -4.5V
-4.0A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TSOT26
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.015 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3065LVT-7
TSOT26
3,000/Tape & Reel
DMP3065LVT-13
TSOT26
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
2018
Code
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Top View
Internal Schematic
ESD PROTECTED
TSOT26
1
2
3
6
5
4
D
D
D
D
G
S
Equivalent Circuit
65P = Product Type Marking Code
YM = Date Code Marking
Y
or Y̅ = Year (ex: A = 2013)
M = Month (ex: 9 = September)
e3


Similar Part No. - DMP3065LVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3065LVT-13 DIODES-DMP3065LVT-13 Datasheet
388Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3065LVT-7 DIODES-DMP3065LVT-7 Datasheet
388Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3065LVT DIODES-DMP3065LVT_15 Datasheet
388Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3065LVT

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com