Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3050LVT-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3050LVT-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3050LVT-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3050LVT-7 Datasheet HTML 1Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 2Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 3Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 4Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 5Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 6Page - Diodes Incorporated DMP3050LVT-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP3050LVT
Document number: DS35748 Rev. 4 - 2
6 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMP3050LVT
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT26
TSOT26
Dim
Min
Max
Typ
A

1.00
A1
0.010
0.100
A2
0.840
0.900
D
2.800
3.000
2.900
E
2.800 BSC
E1
1.500
1.700
1.600
b
0.300
0.450
c
0.120
0.200
e
0.950 BSC
e1
1.900 BSC
L
0.30
0.50
L2
0.250 BSC
θ
θ1
12°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT26
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y


Similar Part No. - DMP3050LVT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3050LVT DIODES-DMP3050LVT_15 Datasheet
182Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3050LVT-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com