Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3036SFG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3036SFG-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3036SFG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3036SFG-7 Datasheet HTML 1Page - Diodes Incorporated DMP3036SFG-7 Datasheet HTML 2Page - Diodes Incorporated DMP3036SFG-7 Datasheet HTML 3Page - Diodes Incorporated DMP3036SFG-7 Datasheet HTML 4Page - Diodes Incorporated DMP3036SFG-7 Datasheet HTML 5Page - Diodes Incorporated DMP3036SFG-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3036SFG
Document number: DS37038 Rev. 4 - 2
2 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP3036SFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-8.7
-7.0
A
t<10s
TA = +25°C
TA = +70°C
ID
-12.7
-10.1
A
Continuous Drain Current (Note 6) VGS = -5V
Steady
State
TA = +25°C
TA = +70°C
ID
-7.2
-5.8
A
t<10s
TA = +25°C
TA = +70°C
ID
-10.5
-8.4
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-80
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-3.6
A
Avalanche Current (Note 7) L=0.3 mH
IAS
-17.5
A
Avalanche Energy (Note 7) L=0.3 mH
EAS
64
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.95
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
137
°C/W
t<10s
65
°C/W
Total Power Dissipation (Note 6)
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
55
°C/W
t<10s
26
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
6.14
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-
-
-1.0
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-2.0
-2.5
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
13
20
m
VGS = -10V, ID = -8A
-
18.4
29
VGS = -5V, ID = -5A
Diode Forward Voltage
VSD
-
-0.74
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
1931
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
226
-
pF
Reverse Transfer Capacitance
Crss
-
168
-
pF
Gate Resistance
Rg
-
10.9
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = -5V
Qg
-
8.8
-
nC
VDS = -15V, VGS = -10V, ID = -10A
Total Gate Charge VGS = -10V
Qg
-
16.5
-
nC
Gate-Source Charge
Qgs
-
2.6
-
nC
Gate-Drain Charge
Qgd
-
3.6
-
nC
Turn-On Delay Time
tD(on)
-
8.2
-
ns
VGEN = -10V, VDD = -15V,
RGEN = 3Ω, ID = -10A
Turn-On Rise Time
tr
-
14
-
ns
Turn-Off Delay Time
tD(off)
-
65
-
ns
Turn-Off Fall Time
tf
-
31.6
-
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP3036SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG-7 DIODES-DMP3036SFG-7 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG-7 DIODES-DMP3036SFG-7 Datasheet
483Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3036SFG-7

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com