Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9223306M2A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9223306M2A
Description  1-OF-8 DECODERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9223306M2A Datasheet(HTML) 5 Page - Texas Instruments

  5962-9223306M2A Datasheet HTML 1Page - Texas Instruments 5962-9223306M2A Datasheet HTML 2Page - Texas Instruments 5962-9223306M2A Datasheet HTML 3Page - Texas Instruments 5962-9223306M2A Datasheet HTML 4Page - Texas Instruments 5962-9223306M2A Datasheet HTML 5Page - Texas Instruments 5962-9223306M2A Datasheet HTML 6Page - Texas Instruments 5962-9223306M2A Datasheet HTML 7Page - Texas Instruments 5962-9223306M2A Datasheet HTML 8Page - Texas Instruments 5962-9223306M2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
CY54FCT138T
CY74FCT138T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
#
VCC = 5.5 V,
Outputs open,
Switch E1 E2 or
One output
switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
IC#
Switch E1, E2, or
E3
1
at 50% duty
cycle
VIN = 3.4 V or GND
1
2.4
mA
IC#
VCC = 5.25 V,
Outputs open,
Switch E1 E2 or
One output
switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4||
mA
Switch E1, E2, or
E3
1
at 50% duty
cycle
VIN = 3.4 V or GND
1
2.4||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY54FCT138T
CY54FCT138CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
A
O
1.5
12
1.5
6
ns
tPHL
A
O
1.5
12
1.5
6
ns
tPLH
E
E
O
1.5
12.5
1.5
6.1
ns
tPHL
E1 or E2
O
1.5
12.5
1.5
6.1
ns
tPLH
E3
O
1.5
12.5
1.5
6.1
ns
tPHL
E3
O
1.5
12.5
1.5
6.1
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY74FCT138T
CY74FCT138AT
CY74FCT138CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
O
1.5
9
1.5
5.8
1.5
5
ns
tPHL
A
O
1.5
9
1.5
5.8
1.5
5
ns
tPLH
E
E
O
1.5
9
1.5
5.9
1.5
5
ns
tPHL
E1 or E2
O
1.5
9
1.5
5.9
1.5
5
ns
tPLH
E3
O
1.5
9
1.5
5.9
1.5
5
ns
tPHL
E3
O
1.5
9
1.5
5.9
1.5
5
ns


Similar Part No. - 5962-9223306M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9223701M2A TI1-5962-9223701M2A Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701M2A TI1-5962-9223701M2A Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701MRA TI1-5962-9223701MRA Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701MRA TI1-5962-9223701MRA Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223705MRA TI1-5962-9223705MRA Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9223306M2A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
   318 Series of Decoders
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
   318 Series of Decoders
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
   312 Series of Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_07 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
   212 Series of Decoders
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
   318 Series of Decoders
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com