Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS50PCI401 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS50PCI401
Description  DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS50PCI401 Datasheet(HTML) 2 Page - Texas Instruments

  DS50PCI401 Datasheet HTML 1Page - Texas Instruments DS50PCI401 Datasheet HTML 2Page - Texas Instruments DS50PCI401 Datasheet HTML 3Page - Texas Instruments DS50PCI401 Datasheet HTML 4Page - Texas Instruments DS50PCI401 Datasheet HTML 5Page - Texas Instruments DS50PCI401 Datasheet HTML 6Page - Texas Instruments DS50PCI401 Datasheet HTML 7Page - Texas Instruments DS50PCI401 Datasheet HTML 8Page - Texas Instruments DS50PCI401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Ix_n+
Ix_n-
EQ
RATE
DET
LIMITER
IDLE
DET
OUTBUF
SMBus
VOD/ DeEMPHASIS
CONTROL
VDD
SMBus
TX Idle Enable
SMBus
RXDETA/B
DEMA/B
EQA/B
Ox_n+
Ox_n-
TXIDLEx
PCI Express
Root
Complex or
Bridge
PCI Express
Endpoint
PCI Express Interconnect
Cable or Backplane
PCI401
Slice 1 of 4
PCI401
Slice 1 of 4
DS50PCI401
SNLS292J – JUNE 2009 – REVISED APRIL 2013
www.ti.com
Typical Application
Block Diagram - Detail View Of Channel (1 Of 8)
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS50PCI401


Similar Part No. - DS50PCI401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
DS50PCI401SQ NSC-DS50PCI401SQ Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
DS50PCI401SQE NSC-DS50PCI401SQE Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
More results

Similar Description - DS50PCI401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com