Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS42BR400 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS42BR400
Description  DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS42BR400 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS42BR400 Datasheet HTML 3Page - Texas Instruments DS42BR400 Datasheet HTML 4Page - Texas Instruments DS42BR400 Datasheet HTML 5Page - Texas Instruments DS42BR400 Datasheet HTML 6Page - Texas Instruments DS42BR400 Datasheet HTML 7Page - Texas Instruments DS42BR400 Datasheet HTML 8Page - Texas Instruments DS42BR400 Datasheet HTML 9Page - Texas Instruments DS42BR400 Datasheet HTML 10Page - Texas Instruments DS42BR400 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS42BR400
www.ti.com
SNLS221J – MARCH 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to 4V
CMOS/TTL Input Voltage
−0.3V to (VCC +0.3V)
CML Input/Output Voltage
−0.3V to (VCC +0.3V)
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature Soldering, 4 sec
+260°C
Thermal Resistance,
θJA
22.3°C/W
Thermal Resistance,
θJC
3.2°C/W
Thermal Resistance,
ΦJB
10.3°C/W
ESD Ratings(3)
HBM
6kV
CDM
1kV
MM
350V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. For ensured specifications and the test conditions, see the Electrical Characteristics Tables. Operation of
the device beyond the maximum Operating Ratings is not recommended.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
ESD tests conform to the following standards:Human Body Model (HBM) applicable standard: MIL-STD-883, Method 3015.7Machine
Model (MM) applicable standard: JESD22-A115-A (ESD MM std. of JEDEC)Field -Induced Charge Device Model (CDM) applicable
standard: JESD22-C101-C (ESD FICDM std. of JEDEC)
Recommended Operating Ratings
Min
Typ
Max
Units
Supply Voltage (VCC-GND)
3.135
3.3
3.465
V
Supply Noise Amplitude
10 Hz to 2 GHz
100
mVPP
Ambient Temperature
−40
+85
°C
Case Temperature
100
°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS42BR400


Similar Part No. - DS42BR400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS42BR400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400_08 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_14 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 TI1-DS25BR400_14 Datasheet
777Kb / 17P
[Old version datasheet]   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com