Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS38EP100 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS38EP100
Description  DS38EP100 1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS38EP100 Datasheet(HTML) 5 Page - Texas Instruments

  DS38EP100 Datasheet HTML 1Page - Texas Instruments DS38EP100 Datasheet HTML 2Page - Texas Instruments DS38EP100 Datasheet HTML 3Page - Texas Instruments DS38EP100 Datasheet HTML 4Page - Texas Instruments DS38EP100 Datasheet HTML 5Page - Texas Instruments DS38EP100 Datasheet HTML 6Page - Texas Instruments DS38EP100 Datasheet HTML 7Page - Texas Instruments DS38EP100 Datasheet HTML 8Page - Texas Instruments DS38EP100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Z2
Z1
Z1
Z3
IOA-
IOB-
Z1
Z1
Z3
IOA+
IOB+
A
B
DS38EP100
www.ti.com
SNLS278C – JULY 2007 – REVISED APRIL 2013
Table 1. Typical Through Response
Frequency (GHz)
DS38EP100 Attenuation Typ (dB)
0.1
-7.98
0.5
-5.93
1
-3.53
1.5
-2.25
2
-1.58
3
-1.14
4
-1.26
5
-1.54
6
-1.99
7
-2.62
8
-3.26
9
-3.61
10
-4.26
Block Diagram
Figure 4. Simplified Block Diagram
APPLICATION INFORMATION
DS38EP100 DEVICE DESCRIPTION
The DS38EP100 Power-Saver equalizer is a passive network circuit composed of resistive, capacitive, and
inductive components (See Figure 4). A differential bridged T-network compensates for the transmission medium
losses and minimizes medium-induced deterministic jitter with FR4 and cables. The equalizer attenuates low
frequency signals and is a bandpass filter at the resonant frequency. The response is linear and symmetric.
I/O TERMINATIONS
The DS38EP100 I/O impedance is 100
Ω differential. The equalizer is designed for 100Ω-balanced differential
signals and is not intended for single-ended transmission.
LINEAR COMPENSATION
The unique linear compensation feature of the DS38EP100 combined with the tiny package allows maximum
flexibility in placement. The equalizer can be placed anywhere in the data path and will provide the same
compensation at the receiving circuit. (See Simplified Application Diagram)
SYMMETRIC I/O STRUCTURES
The symmetry of the passive equalization network allows bi-directional operation. Signals receive equal
compensation regardless of the direction of data flow. (See Figure 4).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS38EP100


Similar Part No. - DS38EP100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS38EP100 NSC-DS38EP100 Datasheet
5Mb / 16P
   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
More results

Similar Description - DS38EP100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS38EP100 NSC-DS38EP100 Datasheet
5Mb / 16P
   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Maxim Integrated Produc...
MAX3787 MAXIM-MAX3787 Datasheet
2Mb / 15P
   1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Rev 2; 2/08
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com