Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA10000S3CTR Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ADA10000S3CTR
Description  Linear Amplifier MMIC Data Sheet - Rev 2.3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10000S3CTR Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ADA10000S3CTR Datasheet HTML 3Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 4Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 5Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 6Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 7Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 8Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 9Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 10Page - ANADIGICS, Inc ADA10000S3CTR Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet - Rev 2.3
06/2003
ADA10000
7
Figure 10: Unmatched Device Input Impedance
S3 Packaged Device
(T = +25 C, V
= +8 V, 75
system)
ADD
o
W
50 MHz
1 GHz
50 MHz
1 GHz
Figure 11: Unmatched Device Output Impedance
S3 Packaged Device
(T = +25 C, V
= +8 V, 75
system)
ADD
o
W
PERFORMANCE DATA
14
16
18
20
22
24
26
024
68
10
12
Input Power (dBm)
Figure 9: Output Power vs. Input Power
S3 Packaged Device
(T = +25 C, V
= +8 V, f = 500 MHz, 75
system)
ADD
o
W
12
13
14
15
16
17
18
0
200
400
600
800
1000
Frequency (MHz)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Gain
NF
Figure 6: Gain and Noise Figure vs.
Frequency - S3 Packaged Device
(T = +25 C, V
= +8 V, 75
system)
ADD
o
W
15.0
15.2
15.4
15.6
15.8
16.0
45
67
89
Supply Voltage (V)
1.7
1.8
1.9
2.0
2.1
2.2
Gain
NF
Figure 7: Gain and Noise Figure vs.
Supply Voltage - S3 Packaged Device
(T = +25 C, f = 500 MHz, 75
system)
A
o
W
5
10
15
20
25
30
35
40
456789
Supply Voltage (V)
IIP2
IIP3
Figure 8: IIP2 and IIP3 vs. Supply
Voltage - S3 Packaged Device
(T = +25 C, 75
system)
A
o
W
Notes:
1. IIP2 measured at 986.5 MHz; Input = two
tones at 55.25 MHz and 931.25 MHz at -10 dBm.
2. IIP3 measured with two tones at the input: 986.5
MHz and 992.5 MHz at -10 dBm.
Refer to the ANADIGICS web site for full 2-port s-parameter data.
As measured in test circuits shown in Figures 4 and 5.


Similar Part No. - ADA10000S3CTR

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ADA10000S3C ANADIGICS-ADA10000S3C Datasheet
213Kb / 4P
   Linear Amplifier MMIC
More results

Similar Description - ADA10000S3CTR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ128VAL FREESCALE-MC9S12HZ128VAL Datasheet
3Mb / 692P
   MC9S12HZ256 Data Sheet, Rev. 2.05
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Microchip Technology
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
logo
ANADIGICS, Inc
ADA10001 ANADIGICS-ADA10001 Datasheet
124Kb / 8P
   Linear Amplifier MMIC
ADA10000S3C ANADIGICS-ADA10000S3C Datasheet
213Kb / 4P
   Linear Amplifier MMIC
ADA10001S3C ANADIGICS-ADA10001S3C Datasheet
200Kb / 8P
   Linear Amplifier MMIC
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
   Wideband Tuner Upconverter Data Sheet - Rev 2.4
logo
NXP Semiconductors
HC908AP64AD NXP-HC908AP64AD Datasheet
61Kb / 2P
   Addendum to MC68HC908AP64 Data Sheet, Rev. 2.5
Rev. 0, 2/2005
logo
Advanced Semiconductor ...
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
   Wideband Linear Amplifier MMIC
June 2017
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
   Wideband Linear Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com