Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34RT5110 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS34RT5110
Description  DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS34RT5110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS34RT5110 Datasheet HTML 2Page - Texas Instruments DS34RT5110 Datasheet HTML 3Page - Texas Instruments DS34RT5110 Datasheet HTML 4Page - Texas Instruments DS34RT5110 Datasheet HTML 5Page - Texas Instruments DS34RT5110 Datasheet HTML 6Page - Texas Instruments DS34RT5110 Datasheet HTML 7Page - Texas Instruments DS34RT5110 Datasheet HTML 8Page - Texas Instruments DS34RT5110 Datasheet HTML 9Page - Texas Instruments DS34RT5110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS34RT5110
SNLS310G – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified. All parameters are ensured by test,
statistical analysis, or design unless otherwise specified
(1).
Symbol
Parameter
Condition
Min
Typ
Max
Units
External resistor = 24 k
Ω at
VOD_CRL pin.Measured
Differential Output
VO
differentially with OUT+ and
800
1200
mVp-p
voltage swing
OUT- terminated by RT=50
to AVCC, Figure 2
Measured single-ended,
Output common-
VOCM
>1.65 Gbps, Figure 2,
AVCC- 0.35
AVCC- 0.20
V
mode Voltage
Figure 3
20% to 80% of differential
output voltage, measured
tR, tF
Transition time
80
ps
within 1” from output pins,
Figure 3
Inter Pair Data
Difference in 50% crossing
Channel-to-
tCCSK
between channels
2
3
ps
Channel Skew (all
3.4 Gbps, Clock Pattern(2)
3 data channels)
Difference in 50% crossing
Inter Pair Data
between channels of any two
tPPSK
Channels Part-
50
ps
devices
toPart Skew
3.4 Gbps, Clock Pattern
Data Channels
3.4 Gbps, Clock Pattern,
tDD
520
ps
Latency
Figure 4
Clock Channel
3.4 Gbps, Clock Pattern,
tCD
600
ps
Latency
Figure 4
LVCMOS Outputs
tSL
SD to LOCK time
Figure 4
10
ms
Bit Rate
fCLK
Clock Frequency
Clock Path(3)
25
340
MHz
bR
Bit Rate
Data Paths(3)
0.25
3.4
Gbps
Data Channel Random Jitter
RJ
Random Jitter
See(3)(4)(5)(6)
3
psrms
Data Channel CDR Jitter Generation
Data Paths, measured at TPC
Total Output Jitter
TROJ1
PRBS7, EQ [2:0] = 000
0.03
0.05
UIp-p
0.25 Gbps
Figure 1(3)(4)(5)
Data Paths, measured at TPC
Total Output Jitter
TROJ2
PRBS7, EQ [2:0] = 000
0.08
0.14
UIp-p
1.65 Gbps
Figure 1(3)(4)(5)
Data Paths, measured at TPC
Total Output Jitter
TROJ3
PRBS7, EQ [2:0] = 000
0.09
0.16
UIp-p
2.25 Gbps
Figure 1(3)(4)(5)
Data Paths, measured at TPC
Total Output Jitter
TROJ4
PRBS7, EQ [2:0] = 000
0.10
0.17
UIp-p
3.4 Gbps
Figure 1(3)(4)(5)
0.25 Gbps data rate
0.25
MHz
1.65 Gbps data rate
1.65
MHz
CDR Loop
BWLOOP
Bandwidth
2.25 Gbps data rate
2.25
MHz
3.4 Gbps data rate
2.25
MHz
(3)
Parameter is ensured by statistical analysis and/or design.
(4)
Deterministic jitter is measured at the differential outputs (TPC of Figure 1), minus the deterministic jitter before the test channel (TPA of
Figure 1). Random jitter is removed through the use of averaging or similar means.
(5)
Total Jitter is defined as peak-to-peak deterministic jitter from + 12 times random jitter (ps).
(6)
Random jitter contributed by the equalizer is defined as sq rt (JOUT
2 − J
IN
2). J
OUT is the random jitter at equalizer outputs in ps-rms, see
TPC of Figure 1; JIN is the random jitter at the input of the equalizer in ps-rms, see TPA of Figure 1.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS34RT5110


Similar Part No. - DS34RT5110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110SQ NSC-DS34RT5110SQ Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS34RT5110SQE NSC-DS34RT5110SQE Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
DS34RT5110SQX NSC-DS34RT5110SQX Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
More results

Similar Description - DS34RT5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110_15 Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
National Semiconductor ...
DS22EV5110 NSC-DS22EV5110 Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110_14 Datasheet
3Mb / 24P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS42BR400 NSC-DS42BR400 Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com