Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SS
Description  SS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SS Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SS Datasheet HTML 1Page - Sharma Electro Components,Inc SS Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,85℃)
4
6.3
10
16
25
35
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
2.2
4x7
10
3.3
4x7
10
4.7
4x7
20
4x7
20
4x7
25
10
4x7
30
4x7
35
4x7
40
22
4x7
35
4x7
40
4x7
50
5x7
60
33
4x7
35
4x7
40
4x7
45
4x7
50
5x7
65
6.3x7
75
47
4x7
40
4x7
50
4x7
60
5x7
70
6.3x7
75
6.3x7
80
100
5x7
65
5x7
80
5x7
90
6.3x7
110
8x7
120
8x7
145
220
6.3x7
110
6.3x7
120
6.3x7
135
8x7
180
330
8x7
170
8x9
170
8x9
230
470
8x9
230
8x9
240
8x9
280
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
0.1
4x7
1
4x7
1
0.22
4x7
2
4x7
2
0.33
4x7
3
4x7
3
0.47
4x7
5
4x7
5
1
4x7
10
4x7
10
2.2
4x7
20
4x7
20
3.3
4x7
25
4x7
30
4.7
4x7
35
5x7
40
10
5x7
45
6.3x7
55
22
6.3x7
70
33
8x7
85
47
8x7
100
Case Size / Max Ripple Current
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - SS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
   SERIES SS SWITCHES
logo
Omron Electronics LLC
SS-P_1110 OMRON-SS-P_1110 Datasheet
401Kb / 6P
   SS Series Compatible Mounting
logo
PHOENIX CONTACT
0321019 PHOENIX-0321019 Datasheet
222Kb / 8P
   URTK/SS
logo
TE Connectivity Ltd
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
   OSA-SS-DM5,000,000M
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Japan Aviation Electron...
FI-S4S JAE-FI-S4S Datasheet
105Kb / 2P
   FI-SS HOUSING
logo
Bel Fuse Inc.
SS-7388H33-NF BEL-SS-7388H33-NF Datasheet
107Kb / 1P
   SS-7388H33-NF
SS-7388H11S-PG4 BEL-SS-7388H11S-PG4 Datasheet
132Kb / 1P
   SS-7388H11S-PG4
logo
Japan Aviation Electron...
FI-S8S JAE-FI-S8S Datasheet
106Kb / 2P
   FI-SS HOUSING
logo
FIBOX Enclosing innovat...
8612004 FIBOX-8612004 Datasheet
38Kb / 1P
   SS Twist Latch
18.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com