Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF363B Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90CF363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF363B Datasheet(HTML) 1 Page - Texas Instruments

  DS90CF363B_13 Datasheet HTML 1Page - Texas Instruments DS90CF363B_13 Datasheet HTML 2Page - Texas Instruments DS90CF363B_13 Datasheet HTML 3Page - Texas Instruments DS90CF363B_13 Datasheet HTML 4Page - Texas Instruments DS90CF363B_13 Datasheet HTML 5Page - Texas Instruments DS90CF363B_13 Datasheet HTML 6Page - Texas Instruments DS90CF363B_13 Datasheet HTML 7Page - Texas Instruments DS90CF363B_13 Datasheet HTML 8Page - Texas Instruments DS90CF363B_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DS90CF363B
www.ti.com
SNLS180D – JULY 2004 – REVISED APRIL 2013
+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Check for Samples: DS90CF363B
1
FEATURES
345 mV (typ) Swing LVDS Devices for Low EMI
PLL Requires no External Components
2
No Special Start-up Sequence Required
between Clock/Data and /PD Pins. Input Signal
Compatible with TIA/EIA-644 LVDS Standard
(Clock and Data) can be Applied Either Before
Low Profile 48-lead TSSOP Package
or After the Device is Powered.
Improved Replacement for:
Support Spread Spectrum Clocking up to
SN75LVDS84, DS90CF363A
100KHz Frequency Modulation & Deviations of
±2.5% Center Spread or
−5% Down Spread.
DESCRIPTION
"Input Clock Detection" Feature will Pull all
The DS90CF363B transmitter converts 21 bits of
LVDS Pairs to Logic Low when Input Clock is
CMOS/TTL data into three LVDS (Low Voltage
Missing and when /PD Pin is Logic High.
Differential Signaling) data streams. A phase-locked
transmit clock is transmitted in parallel with the data
18 to 68 MHz Shift Clock Support
streams over a fourth LVDS link. Every cycle of the
Best–in–Class Set & Hold Times on TxINPUTs
transmit clock 21 bits of input data are sampled and
Tx Power Consumption < 130 mW (typ)
transmitted. At a transmit clock frequency of 65 MHz,
@65MHz Grayscale
18 bits of RGB data and 3 bits of LCD timing and
control
data
(FPLINE,
FPFRAME,
DRDY)
are
40% Less Power Dissipation than BiCMOS
transmitted at a rate of 455 Mbps per LVDS data
Alternatives
channel. Using a 65 MHz clock, the data throughput
Tx Power-Down Mode < 37
μW (typ)
is 170 Mbytes/sec. The DS90CF363B is fixed as a
Supports VGA, SVGA, XGA and Dual Pixel
Falling edge strobe transmitter and will interoperate
SXGA.
with a Falling edge strobe Receiver (DS90CF366)
without any translation logic.
Narrow Bus Reduces Cable Size and Cost
Up to 1.3 Gbps Throughput
This chipset is an ideal means to solve EMI and
cable size problems associated with wide, high speed
Up to 170 Megabytes/sec Bandwidth
TTL interfaces.
Block Diagram
Figure 1. DS90CF363B
See Package Number DGG0048A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90CF363B_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363BMT NSC-DS90CF363BMT Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363BMT NSC-DS90CF363BMT Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
logo
Texas Instruments
DS90CF363BMT TI1-DS90CF363BMT Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B_06 Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
More results

Similar Description - DS90CF363B_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com