Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R7802005VFA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R7802005VFA
Description  DS26F32MQML Quad Differential Line Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R7802005VFA Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962R7802005VFA Datasheet HTML 5Page - Texas Instruments 5962R7802005VFA Datasheet HTML 6Page - Texas Instruments 5962R7802005VFA Datasheet HTML 7Page - Texas Instruments 5962R7802005VFA Datasheet HTML 8Page - Texas Instruments 5962R7802005VFA Datasheet HTML 9Page - Texas Instruments 5962R7802005VFA Datasheet HTML 10Page - Texas Instruments 5962R7802005VFA Datasheet HTML 11Page - Texas Instruments 5962R7802005VFA Datasheet HTML 12Page - Texas Instruments 5962R7802005VFA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Jul-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-7802005M2A
ACTIVE
LCCC
NAJ
20
50
TBD
Call TI
Call TI
-55 to 125
DS26F32ME/
883 Q
5962-78020
05M2A ACO
05M2A >T
5962-7802005MFA
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26F32MW
/883 Q
5962-78020
05MFA ACO
05MFA >T
5962R7802005VEA
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26F32MJRQMLV
5962R7802005VEA Q
5962R7802005VFA
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26F32MWR
QMLV Q
5962R78020
05VFA ACO
05VFA >T
DS26F32 MW8
ACTIVE
WAFERSALE
YS
0
1
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-55 to 125
DS26F32ME/883
ACTIVE
LCCC
NAJ
20
50
TBD
Call TI
Call TI
-55 to 125
DS26F32ME/
883 Q
5962-78020
05M2A ACO
05M2A >T
DS26F32MJRQMLV
ACTIVE
CDIP
NFE
16
25
TBD
Call TI
Call TI
-55 to 125
DS26F32MJRQMLV
5962R7802005VEA Q
DS26F32MW/883
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26F32MW
/883 Q
5962-78020
05MFA ACO
05MFA >T
DS26F32MWRQMLV
ACTIVE
CFP
NAD
16
19
TBD
Call TI
Call TI
-55 to 125
DS26F32MWR
QMLV Q
5962R78020
05VFA ACO
05VFA >T


Similar Part No. - 5962R7802005VFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R0050101V9A TI1-5962R0050101V9A Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
5962R0050101V9A TI1-5962R0050101V9A Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
5962R0050101VXA TI1-5962R0050101VXA Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
5962R0050101VXA TI1-5962R0050101VXA Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
5962R0050102V9A TI1-5962R0050102V9A Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
More results

Similar Description - 5962R7802005VFA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com