Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP152Q Datasheet(PDF) 7 Page - Texas Instruments

Part # DS25CP152Q
Description  DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP152Q Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS25CP152Q Datasheet HTML 3Page - Texas Instruments DS25CP152Q Datasheet HTML 4Page - Texas Instruments DS25CP152Q Datasheet HTML 5Page - Texas Instruments DS25CP152Q Datasheet HTML 6Page - Texas Instruments DS25CP152Q Datasheet HTML 7Page - Texas Instruments DS25CP152Q Datasheet HTML 8Page - Texas Instruments DS25CP152Q Datasheet HTML 9Page - Texas Instruments DS25CP152Q Datasheet HTML 10Page - Texas Instruments DS25CP152Q Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OUT+
OUT-
CML or
LVPECL or
LVDS
IN+
IN-
100:
100: Differential T-Line
Differential
Receiver
DS25CP152
Driver
100:
OUT+
OUT-
150-250:
100: Differential T-Line
LVDS
Receiver
IN+
IN-
100:
LVPECL
Driver
150-250:
DS25CP152Q
www.ti.com
SNLS294E – MAY 2008 – REVISED APRIL 2013
Figure 4. Typical LVPECL Driver DC-Coupled Interface to DS25CP152Q Input
Output Interfacing
The DS25CP152Q outputs signals that are compliant to the LVDS standard. Its outputs can be DC-coupled to
most common differential receivers. The following figure illustrates typical DC-coupled interface to common
differential receivers and assumes that the receivers have high impedance inputs. While most differential
receivers have a common mode input range that can accommodate LVDS compliant signals, it is recommended
to check the respective receiver's data sheet prior to implementing the suggested interface implementation.
Figure 5. Typical DS25CP152Q Output DC-Coupled Interface to an LVDS, CML or LVPECL Receiver
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS25CP152Q


Similar Part No. - DS25CP152Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP152Q NSC-DS25CP152Q Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS25CP152QSQ NSC-DS25CP152QSQ Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152QSQNOPB TI1-DS25CP152QSQNOPB Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152QSQXNOPB TI1-DS25CP152QSQXNOPB Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
More results

Similar Description - DS25CP152Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q_14 Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS25CP152Q NSC-DS25CP152Q Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152 TI1-DS25CP152_14 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 TI1-DS25CP152_15 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com