Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP152Q Datasheet(PDF) 11 Page - Texas Instruments

Part # DS25CP152Q
Description  DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP152Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS25CP152Q_13 Datasheet HTML 7Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 8Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 9Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 10Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 11Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 12Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 13Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 14Page - Texas Instruments DS25CP152Q_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DS25CP152QSQ/NOPB
WQFN
RGH
16
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
DS25CP152QSQX/NOPB
WQFN
RGH
16
4500
330.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 1


Similar Part No. - DS25CP152Q_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q_14 Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
More results

Similar Description - DS25CP152Q_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP152Q TI1-DS25CP152Q_14 Datasheet
997Kb / 17P
[Old version datasheet]   DS25CP152Q Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS25CP152Q NSC-DS25CP152Q Datasheet
265Kb / 12P
   Automotive 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS25CP152 TI1-DS25CP152_14 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
DS25CP152 TI1-DS25CP152_15 Datasheet
998Kb / 17P
[Old version datasheet]   DS25CP152 3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
[Old version datasheet]   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com