Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # RV
Description  RV Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RV Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  RV Datasheet HTML 1Page - Sharma Electro Components,Inc RV Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX DISSIPATION FACTOR (tan ä / 120Hz,20℃) / MAX PERMISSIBLE RIPPLE CURRENT
(RC(mArms) / 120Hz, 85℃) / MAX EQUIVALENT SERIES RESISTANCE (ESR(Ω) / 1 20Hz,20℃)
6.3
10
16
25
SPEC
μF
ψDxL tanδ RC
ESR
ψDxL tanδ
RC
ESR
ψDxL tanδ RC
ESR
ψDxL tanδ
RC
ESR
2.2
3.3
4x5.4
0.28
12
100
4.7
4x5.4
0.32
20
70.5
5x5.4
0.28
21
70.5
10
4x5.4
0.40
25
39.7
5x5.4
0.32
25
33.1
6.3x5.4
0.28
28
33.1
22
5x5.4
0.52
29
21.1
6.3x5.4
0.40
39
18.0
6.3x5.4
0.32
39
15.0
33
6.3x5.4
0.52
43
12.0
6.3x5.4
0.40
43
14.0
47
6.3x5.4
0.52
46
9.87
35
50
SPEC
μF
ψDxL tanδ
RC
ESR
ψDxL tanδ
RC
ESR
0.22
4x5.4
0.24
2
1507
0.33
4x5.4
0.24
3
1004
0.47
4x5.4
0.24
5
705
1
4x5.4
0.24
10
331
2.2
4x5.4
0.24
12
150
5x5.4
0.24
16
150
3.3
5x5.4
0.24
21
100
5x5.4
0.24
21
100
4.7
5x5.4
0.24
22
70.5
6.3x5.4
0.24
31
70.5
10
6.3x5.4
0.24
30
33.1
Case Size / tanδ/ Max Ripple Current / ESR
WV
WV
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - RV

ManufacturerPart #DatasheetDescription
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
logo
ams AG
NSD-2101 AMSCO-NSD-2101_07 Datasheet
1Mb / 23P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE RV and UTAF Motors
NSD-2101 AMSCO-NSD-2101 Datasheet
646Kb / 22P
   Piezo Motor Driver ASIC for SQL-RV Series Reduced Voltage SQUIGGLE짰 RV and UTAF??Motors
logo
Panasonic Semiconductor
AN5707NS PANASONIC-AN5707NS Datasheet
392Kb / 6P
   RV ELECTRONIC TUNER-CONTROL IC
logo
PHOENIX CONTACT
3191330 PHOENIX-3191330 Datasheet
92Kb / 2P
   KZMP-RV 8:1-8
3191217 PHOENIX-3191217 Datasheet
40Kb / 1P
   RV 8-TP(2,4X0,8)Q
logo
List of Unclassifed Man...
GE1LU032SS ETC-GE1LU032SS Datasheet
407Kb / 4P
   GE RV park power equipment
logo
PHOENIX CONTACT
3190195 PHOENIX-3190195 Datasheet
52Kb / 2P
   Connector housing - STG 8-RV/L
logo
Altera Corporation
RV-6V221MG68-R ALTERA-RV-6V221MG68-R Datasheet
66Kb / 3P
   RV Vertical Chip Electrolytic Capacitors
logo
PHOENIX CONTACT
3191013 PHOENIX-3191013 Datasheet
124Kb / 10P
   Marshalling distributor - RV 8-TP(2,4X0,8)L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com