Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9883ABST-140 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9883ABST-140
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883ABST-140 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9883ABST-140 Datasheet HTML 3Page - Analog Devices AD9883ABST-140 Datasheet HTML 4Page - Analog Devices AD9883ABST-140 Datasheet HTML 5Page - Analog Devices AD9883ABST-140 Datasheet HTML 6Page - Analog Devices AD9883ABST-140 Datasheet HTML 7Page - Analog Devices AD9883ABST-140 Datasheet HTML 8Page - Analog Devices AD9883ABST-140 Datasheet HTML 9Page - Analog Devices AD9883ABST-140 Datasheet HTML 10Page - Analog Devices AD9883ABST-140 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. B
–7–
AD9883A
PIN CONFIGURATION
GND
GREEN <7>
GREEN <6>
GREEN <5>
GREEN <4>
GREEN <3>
GREEN <2>
GREEN <1>
GREEN <0>
GND
VDD
BLUE <7>
BLUE <6>
BLUE <5>
BLUE <4>
BLUE <3>
BLUE <2>
BLUE <1>
BLUE <0>
GND
GND
GND
GND
GND
GND
GND
VD
VD
VD
VD
VD
VD
REF BYPASS
SDA
SCL
A0
RAIN
GAIN
BAIN
SOGIN
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17
18
20
19
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9883A
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Table I. Complete Pinout List
Pin Type
Mnemonic
Function
Value
Pin No.
I
nputs
RAIN
Analog Input for Converter R
0.0 V to 1.0 V
54
GAIN
Analog Input for Converter G
0.0 V to 1.0 V
48
BAIN
Analog Input for Converter B
0.0 V to 1.0 V
43
HSYNC
Horizontal SYNC Input
3.3 V CMOS
30
VSYNC
Vertical SYNC Input
3.3 V CMOS
31
SOGIN
Input for Sync-on-Green
0.0 V to 1.0 V
49
CLAMP
Clamp Input (External CLAMP Signal)
3.3 V CMOS
38
COAST
PLL COAST Signal Input
3.3 V CMOS
29
Outputs
Red [7:0]
Outputs of Converter Red, Bit 7 is the MSB
3.3 V CMOS
70–77
Green [7:0]
Outputs of Converter Green, Bit 7 is the MSB
3.3 V CMOS
2–9
Blue [7:0]
Outputs of Converter Blue, Bit 7 is the MSB
3.3 V CMOS
12–19
DATACK
Data Output Clock
3.3 V CMOS
67
HSOUT
HSYNC Output (Phase-Aligned with DATACK)
3.3 V CMOS
66
VSOUT
VSYNC Output (Phase-Aligned with DATACK)
3.3 V CMOS
64
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
65
References
REF BYPASS
Internal Reference Bypass
1.25 V
58
MIDSCV
Internal Midscale Voltage Bypass
37
FILT
Connection for External Filter Components for Internal PLL
33
Power Supply
VD
Analog Power Supply
3.3 V
39, 42,
45, 46, 51, 52,
59, 62
VDD
Output Power Supply
3.3 V
11, 22, 23, 69,
78, 79
PVD
PLL Power Supply
3.3 V
26, 27, 34, 35
GND
Ground
0 V
1, 10, 20, 21,
24, 25, 28, 32,
36, 40, 41, 44,
47, 50, 53, 60,
61, 63, 68, 80
Control
SDA
Serial Port Data I/O
3.3 V CMOS
57
SCL
Serial Port Data Clock (100 kHz Maximum)
3.3 V CMOS
56
A0
Serial Port Address Input 1
3.3 V CMOS
55


Similar Part No. - AD9883ABST-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results

Similar Description - AD9883ABST-140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com