Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3285EP Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ3285EP
Description  Real-Time Clock (RTC)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ3285EP Datasheet HTML 5Page - Texas Instruments BQ3285EP Datasheet HTML 6Page - Texas Instruments BQ3285EP Datasheet HTML 7Page - Texas Instruments BQ3285EP Datasheet HTML 8Page - Texas Instruments BQ3285EP Datasheet HTML 9Page - Texas Instruments BQ3285EP Datasheet HTML 10Page - Texas Instruments BQ3285EP Datasheet HTML 11Page - Texas Instruments BQ3285EP Datasheet HTML 12Page - Texas Instruments BQ3285EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Register B
Register B enables:
n
Update cycle transfer operation
n
Square-wave output
n
Interrupt events
n
Daylight saving adjustment
Register B selects:
n
Clock and calendar data formats
All bits of register B are read/write.
DSE - Daylight Saving Enable
This bit enables daylight-saving time adjustments when
written to 1:
n
On the last Sunday in October, the first time the
bq3285E/L increments past 1:59:59 AM, the time
falls back to 1:00:00 AM.
n
On the first Sunday in April, the time springs
forward from 2:00:00 AM to 3:00:00 AM.
HF - Hour Format
This bit selects the time-of-day and alarm hour format:
1 = 24-hour format
0 = 12-hour format
DF - Data Format
This bit selects the numeric format in which the time,
alarm, and calendar bytes are represented:
1 = Binary
0 = BCD
SQWE - Square-Wave Enable
This bit enables the square-wave output:
1 = Enabled
0 = Disabled and held low
UIE - Update Cycle Interrupt Enable
This bit enables an interrupt request due to an update
ended interrupt event:
1 = Enabled
0 = Disabled
The UIE bit is automatically cleared when the UTI bit
equals 1.
AIE - Alarm Interrupt Enable
This bit enables an interrupt request due to an alarm
interrupt event:
1 = Enabled
0 = Disabled
PIE - Periodic Interrupt Enable
This bit enables an interrupt request due to a periodic
interrupt event:
1 = Enabled
0 = Disabled
9
7654
3
210
----
-
--
DSE
7654
3
210
----
-
-
HF
-
7654
3
210
----
-
DF
--
7654
3
210
----
SQWE
-
-
-
7654
3
210
---
UIE
-
---
Register B Bits
7654
3
210
UTI
PIE
AIE
UIE SQWE
DF
HF
DSE
7654
3
210
--
AIE
-
-
---
7654
3
210
-
PIE
--
-
---
bq3285E/L


Similar Part No. - BQ3285EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285EP TI-BQ3285EP Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285EP- TI-BQ3285EP- Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285EPN TI-BQ3285EPN Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
More results

Similar Description - BQ3285EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com