Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9864BCPZRL Datasheet(PDF) 11 Page - Analog Devices

Part # AD9864BCPZRL
Description  IF Digitizing Subsystem
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9864BCPZRL Datasheet HTML 7Page - Analog Devices AD9864BCPZRL Datasheet HTML 8Page - Analog Devices AD9864BCPZRL Datasheet HTML 9Page - Analog Devices AD9864BCPZRL Datasheet HTML 10Page - Analog Devices AD9864BCPZRL Datasheet HTML 11Page - Analog Devices AD9864BCPZRL Datasheet HTML 12Page - Analog Devices AD9864BCPZRL Datasheet HTML 13Page - Analog Devices AD9864BCPZRL Datasheet HTML 14Page - Analog Devices AD9864BCPZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9864
LO DRIVE (dBm)
9.0
–20
–10
0
5
8.6
8.2
7.8
7.4
7.0
8.4
8.0
7.6
7.2
–5
–15
NF
IMD
8.8
0
–20
–40
–60
–80
–30
–50
–70
–10
Figure 9. Noise Figure and IMD vs. LO Drive (VDDx = 3.0 V)
IFIN (dBm)
0
–30
–14
ADC DOES NOT GO INTO
HARD COMPRESSION
–28
–26
–24
–22
–20
–18
–14
–2
–4
–6
–8
–10
–12
2.7V
3.0V
3.3V
3.6V
–16
Figure 10. Gain Compression vs. IFIN
CHANNEL BANDWIDTH (kHz)
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
I/Q DATA
16-BIT
I/Q DATA
16-BIT
I/Q DATA WITH
DVGA ENABLED
Figure 11. Noise Figure vs. BW (Minimum Attenuation, fCLK = 13 MSPS)
IFIN (dBm)
–12
–36 –33 –30 –27 –24 –21 –18 –15 –12 –9
–6
–3
–0
–18
–24
–30
–36
–15
–21
–27
–33
Figure 12. Gain Compression vs. IFIN with 16 dB LNA Attenuator Enabled
IFIN (dBm)
–55
–109
–61
–67
–73
–85
–91
–103
–51
–48
–45
–42
–39
–36
–33
–30
PIN
2.7V
3.0V
3.6V
3.3V
–115
–97
–79
–15
–42
–18
–21
–24
–30
–33
–39
–45
–36
–27
Figure 13. IMD vs. IFIN
CHANNEL BANDWIDTH (kHz)
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
DATA
16-BIT DATA
WITH DVGA ENABLED
16-BIT
DATA
Figure 14. Noise Figure vs. BW (Minimum Attenuation, fCLK = 18 MSPS)
Rev. 0 | Page 11 of 44


Similar Part No. - AD9864BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9864BCPZRL AD-AD9864BCPZRL Datasheet
1Mb / 48P
   IF Digitizing Subsystem
More results

Similar Description - AD9864BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9870 AD-AD9870 Datasheet
233Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
   IF Digitizing Subsystem
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
   IF Digitizing Subsystem
REV. 0
AD9864 AD-AD9864_17 Datasheet
1Mb / 48P
   IF Digitizing Subsystem
AD9874 AD-AD9874 Datasheet
744Kb / 40P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com