Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLW21SZ670HQ2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DLW21SZ670HQ2
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW21SZ670HQ2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DLW21SZ670HQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW21SZ670HQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW21SZ670HQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
DLW21SZ670HQ2#
“#” indicates a package specification code.
< List of part numbers with package codes >
DLW21SZ670HQ2L DLW21SZ670HQ2B
Appearance & Shape
Applications
Automotive
Usage
Infotainment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B
Bulk(Bag)
500
L
180mm Embossed Tape
2000
Features
1. Small size: 2.0x1.2x1.2mm
2. Common mode impedance items of 67, 90 and 120 ohm,
and they can be used for various differential
signal lines, DLW21SN_HQ/DLW21SZ_HQ/DLW21SR_HQseries
matches line impedance of 100 ohm line.
3. This series can suppress noise for the
high-speed differential signal lines which are
used in digital AVinterfaces, such as HDMI and DVI,
without damage to the signal wave.
4. DLW21SR670HQ2 is designed to correct line impedance
when ESD protection device is also used.
Applications
Common mode noise suppression of high speed
differential signal lines for HDMI, DVI, USB2.0,
IEEE1394, LVDS.
1. DVD Recorders
2. LCD TVs, LCD monitors
3. PCs
DLW21SR_HQ Series is suitable for receiver side of
HDMI interface line.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/01


Similar Part No. - DLW21SZ670HQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW21SZ670HQ2 MURATA1-DLW21SZ670HQ2 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SZ670HQ2B MURATA1-DLW21SZ670HQ2B Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SZ670HQ2L MURATA1-DLW21SZ670HQ2L Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SZ670HQ2 MURATA1-DLW21SZ670HQ2_V01 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results

Similar Description - DLW21SZ670HQ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com