Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9289 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9289
Description  Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 2 Page - Analog Devices

  AD9289 Datasheet HTML 1Page - Analog Devices AD9289 Datasheet HTML 2Page - Analog Devices AD9289 Datasheet HTML 3Page - Analog Devices AD9289 Datasheet HTML 4Page - Analog Devices AD9289 Datasheet HTML 5Page - Analog Devices AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD9289
Preliminary Technical Data
Rev. PrJ | Page 2 of 16
6/25/2004
TABLE OF CONTENTS
AD9289—Specifications ............................................................ 3
DIGITAL SPECIFICATIONS ................................................. 4
AC SPECIFICATIONS........................................................... 4
SWITCHING SPECIFICATIONS ........................................... 5
EXPLANATION OF TEST LEVELS ...................................... 5
Absolute Maximum Ratings ........................................................ 6
Definitions ................................................................................. 7
Theory of Operation ................................................................... 9
Clock Input............................................................................. 9
Analog Inputs ......................................................................... 9
Voltage Reference....................................................................9
Internal Reference Connection ...............................................10
External Reference Operation ................................................10
Digital Outputs ...................................................................... 11
Timing .................................................................................. 11
PLL LOCK Output ................................................................ 11
CML Pin ............................................................................... 11
Overange............................................................................... 11
Pin Configurations ....................................................................13
Timing Diagram........................................................................14
Ordering Guide .....................................................................16
REVISION HISTORY
Revision PrA: Initial Version
Revision PrB: Updated specifications
Revision PrC: Added application section
Revision PrD: Revised block diagram, added LOCK/ output to timing diagram, added offset and gain matching definitions, updated Theory of
Operation
Revision PrE: Updated timing diagram and PLL description
Revision PrF: Updated Timing Specs, Pin Function Description (Added DNC pins), Added Pin Configuration Diagram and Package Outline
Revision PrG: Added DCR pin info, updated lvdsbias resistor value,
Revision H: Updated reference description, Removed S3, Added scope plot, Added FFT, Updated Tpd, Tcpd, Tmsb, Power, Updated
LVDSBIAS Resistor value, Min Encodeà 20MSPS
Revision I: Updated Power Supply Range, Added thermal impedance number,
Revision J: Added CML description, Modified Timing Diagram, Changed MSB naming to FCO,Removed S2, Modified Tpd,


Similar Part No. - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289-65EB AD-AD9289-65EB Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289-65EB1 AD-AD9289-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9289BBC AD-AD9289BBC Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
More results

Similar Description - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com