Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9289 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9289
Description  Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9289 Datasheet HTML 3Page - Analog Devices AD9289 Datasheet HTML 4Page - Analog Devices AD9289 Datasheet HTML 5Page - Analog Devices AD9289 Datasheet HTML 6Page - Analog Devices AD9289 Datasheet HTML 7Page - Analog Devices AD9289 Datasheet HTML 8Page - Analog Devices AD9289 Datasheet HTML 9Page - Analog Devices AD9289 Datasheet HTML 10Page - Analog Devices AD9289 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD9289
Rev. PrJ | Page 7 of 16
6/25/2004
DEFINITIONS
ANALOG BANDWIDTH
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
APERTURE DELAY
The delay between the 50% point of the rising edge of the
ENCODE command and the instant at which the analog input is
sampled.
APERTURE UNCERTAINTY (JITTER)
The sample -to-sample variation in aperture delay.
CROSSTALK
Coupling onto one channel being driven by a low level (-40 dBFS)
signal when the adjacent interfering channel is driven by a full-
scale signal.
DIFFERENTIAL ANALOG INPUT RESISTANCE,
DIFFERENTIAL ANALOG INPUT CAPACITANCE,
AND DIFFERENTIAL ANALOG INPUT IMPEDANCE
The real and complex impedances measured at each analog input
port. The resistance is measured statically and the capacitance and
differential input impedances are measured with a network
analyzer.
DIFFERENTIAL ANALOG INPUT VOLTAGE RANGE
The peak to peak differential voltage that must be applied to the
converter to generate a full scale response. Peak differential
voltage is computed by observing the voltage on a single pin and
subtracting the voltage from the other pin, which is 180 degrees
out of phase. Peak to peak differential is computed by rotating the
inputs phase 180 degrees and taking the peak measurement again.
Then the difference is computed between both peak measurements.
DIFFERENTIAL NONLINEARITY
The deviation of any code width from an ideal 1 LSB step.
EFFECTIVE NUMBER OF BITS
The effective number of bits (ENOB) is calculated from the
measured SNR based on the equation:
02
.
6
76
.
1
dB
SNR
ENOB
MEASURED
=
CLOCK PULSE WIDTH/DUTY CYCLE
Pulse width high is the minimum amount of time that the Clock
pulse (CLK+) should be left in logic “1” state to achieve rated
performance; pulse width low is the minimum time the clock pulse
should be left in low state. See timing implications of changing tclk
in text. At a given clock rate, these specs define an acceptable
clock duty cycle.
FULL SCALE INPUT POWER
Expressed in dBm. Computed using the following equation:
=
001
.
log
10
2
Input
Fullscale
Fullscale
Z
V
Power
rms
GAIN ERROR
Gain error is the difference between the measured and ideal full
scale input voltage range of the worst ADC.
GAIN MATCHING
Expressed in %FSR. Computed using the following equation:
%
100
*
2
min
max
min
max
+
=
FSR
FSR
FSR
FSR
ng
GainMatchi
where FSRmax is the most positive gain error of the ADCs and
FSRmin is the most negative gain error of the ADCs.
HARMONIC DISTORTION, SECOND
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
HARMONIC DISTORTION, THIRD
The ratio of the rms signal amplitude to the rms value of the third
harmonic component, reported in dBc.
INTEGRAL NONLINEARITY
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line”
determined by a least square curve fit.
MINIMUM CONVERSION RATE
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.


Similar Part No. - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289-65EB AD-AD9289-65EB Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289-65EB1 AD-AD9289-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9289BBC AD-AD9289BBC Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
More results

Similar Description - AD9289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
   Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com