Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF22821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BUF22821
Description  Programmable Gamma-Voltage Generator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF22821 Datasheet(HTML) 3 Page - Texas Instruments

  BUF22821 Datasheet HTML 1Page - Texas Instruments BUF22821 Datasheet HTML 2Page - Texas Instruments BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
BUF12840
www.ti.com
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +95°C.
At TA = +25°C, VS = +18V, and VSD = +5V, unless otherwise noted.
BUF12840
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG GAMMA BUFFER CHANNELS
Reset value
Code 0
0
V
OUT1 to OUT12 output swing: high
Code = 1023, sourcing 10mA
17.7
17.85
V
OUT1 to OUT12 output swing: low
Code = 0, sinking 10mA
0.07
0.3
V
OUT1 to OUT12 output swing: high
Code = 1023, sourcing 5mA
17.8
17.9
V
OUT1 to OUT12 output swing: low
Code = 0, sinking 5mA
0.07
0.2
V
Continuous output current
See note (1)
30
mA
Output accuracy
Code 512
±20
±50
mV
vs Temperature
Code 512
±25
μV/°C
Integral nonlinearity
INL
VOUT = GND + 0.3V to VS – 0.3V
0.3
Bits
Differential nonlinearity
DNL
VOUT = GND + 0.3V to VS – 0.3V
0.3
Bits
Load regulation, 10mA
REG
Code 512 or VCC/2, IOUT = +5mA to –5mA step
0.5
1.5
mV/mA
ANALOG POWER SUPPLY
Operating range
9
20
V
Total analog supply current
IS
Outputs at midscale with no load
6.5
10
mA
Over temperature
19
mA
DIGITAL INPUT/OUTPUT(2)
Logic 1 input voltage
VIH
0.7
× VSD
V
Logic 0 input voltage
VIL
0.3
× VSD
V
Logic 0 output voltage
VOL
ISINK = 3mA
0.15
0.4
V
Input leakage
±0.01
±10
μA
Clock frequency
fCLK
Standard/Fast mode
400
kHz
High-Speed mode
3.4
MHz
EEPROM read clock speed
Master mode
71
87
100
kHz
BANK switching delay
LD pin = 0, VOUT = 50% of code 1023
7
10
μs
DIGITAL POWER SUPPLY
Operating range
VSD
2.0
5.5
V
Digital supply current(1)
ISD
Two-Wire bus inactive
90
150
μA
Over temperature
115
175
μA
Power-on reset
POR
1.1
1.5
1.7
V
TEMPERATURE RANGE
Specified range
–40
+95
°C
Operating range
Junction temperature
< +125°C
–40
+95
°C
Storage range
–65
+150
°C
(1)
Observe maximum power dissipation. Exposed thermal die is soldered to the PCB using thermal vias. Refer to Texas Instruments
application report QFN/SON PCB Attachment (SLUS271).
(2)
Refers to pins EA0, EA1, EN, LD, SCL, SDA, A0, and BKSEL.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - BUF22821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF22821 TI1-BUF22821 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF22821 TI1-BUF22821 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF22821 TI1-BUF22821 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF22821AIDCPR TI-BUF22821AIDCPR Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
More results

Similar Description - BUF22821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com