Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF05703 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BUF05703
Description  Multi-Channel LCD Gamma Correction Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF05703 Datasheet(HTML) 5 Page - Texas Instruments

  BUF05703 Datasheet HTML 1Page - Texas Instruments BUF05703 Datasheet HTML 2Page - Texas Instruments BUF05703 Datasheet HTML 3Page - Texas Instruments BUF05703 Datasheet HTML 4Page - Texas Instruments BUF05703 Datasheet HTML 5Page - Texas Instruments BUF05703 Datasheet HTML 6Page - Texas Instruments BUF05703 Datasheet HTML 7Page - Texas Instruments BUF05703 Datasheet HTML 8Page - Texas Instruments BUF05703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
BUF07703
BUF06703
BUF05703
www.ti.com
SBOS269C – MARCH 2003 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS: BUF06703
Over operating free-air temperature range, VDD = 4.5V to 16V, TA = +25°C, unless otherwise noted.
BUF06703
PARAMETER
CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
+25°C
1.7
2
mA
VO = VDD/2, VI = VDD/2,
IDD
Supply current
All
VDD = 10V
Full range
3
mA
Buffers 1
−3
+25°C
1
VDD
V
Common-mode
input range
Buffers 4
−6
+25°C
0
VDD – 1
V
Buffers 1–6
VDD = 10V, IO = 1mA to 10mA
+25°C
0.85
mV/mA
sinking
Load regulation
Buffers 1–6
VDD = 10V, IO = −1mA to −10mA
+25°C
0.85
mV/mA
sourcing
+25°C
15.85
15.9
V
High-level saturated
VDD = 16V, VIO = −5mA,
VOSH1
Buffer 1
output voltage
VI = 16V
Full range
15.8
V
+25°C
0.1
0.15
V
Low-level saturated
VDD = 16V, VIO = 5mA,
VOSL6
Buffer 6
output voltage
VI = 0V
Full range
0.2
V
+25°C
9.75
9.8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH1
Buffer 1
voltage
VI = 9.8V
Full range
9.7
V
+25°C
9.45
9.5
V
High-level output
VDD = 10V, VIO = −10mA,
VOH2/3
Buffer 2/3
voltage
VI = 9.5V
Full range
9.4
V
+25°C
7.95
8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH4/5
Buffer 4/5
voltage
VI = 8V
Full range
7.9
V
+25°C
7.95
8
V
High-level output
VDD = 10V, VIO = −10mA,
VOH6
Buffer 6
voltage
VI = 8V
Full range
7.9
V
+25°C
2
2.05
V
Low-level output
VOL1
Buffer 1
VDD = 10V, IO = 10mA, VI = 2V
voltage
Full range
2.1
V
+25°C
2
2.05
V
Low-level output
VOL2/3
Buffer 2/3
VDD = 10V, IO = 10mA, VI = 2V
voltage
Full range
2.1
V
+25°C
0.5
0.55
V
Low-level output
VOL4/5
Buffer 4/5
VDD = 10V, IO = 10mA, VI = 0.5V
voltage
Full range
0.6
V
+25°C
0.2
0.25
V
Low-level output
VOL6
Buffer 6
VDD = 10V, IO = 10mA, VI = 0.2V
voltage
Full range
0.3
V
(1)
Full range is –40°C to +85°C.
Copyright © 2003–2010, Texas Instruments Incorporated
5
Product Folder Link(s): BUF07703 BUF06703 BUF05703


Similar Part No. - BUF05703

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF05703 BURR-BROWN-BUF05703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
More results

Similar Description - BUF05703

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Sony Corporation
CXA2111R SONY-CXA2111R Datasheet
357Kb / 18P
   LCD Signal Processor (Gamma Correction)
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
logo
OmniVision Technologies...
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
   aperture/gamma correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com