Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78PL116RGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL116RGZT
Description  PowerLAN??Master Gateway Battery Management Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78PL116RGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ78PL116RGZT Datasheet HTML 4Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 5Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 6Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 7Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 8Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 9Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 10Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 11Page - Texas Instruments BQ78PL116RGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
bq78PL116
SLUSAB8B
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
Coulomb-Count Characteristics
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
5
nVh
Intergral nonlinearity
0.008%
Snap-to-zero (deadband)
±100(3)
μV
(1)
Shares common input with current-sense section (CCBAT, CCPACK)
(2)
After calibration. Accuracy is dependent on system calibration and temperature.
(3)
Corresponds to
±10 mA with 10-mΩ sense resistor
Current-Sense (Safety) Characteristics
(1)
over free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
–0.312
0.312
V
Minimum threshold setting
25
42
mV
Accuracy(1)
Short-circuit detection
–20
20
mV
Overcurrent detection, charge and discharge
–4
4
Short-circuit detection
10
Resolution
mV
Overcurrent detection, charge and discharge
1.25
Short-circuit detection
0.1
3.2
Duration
ms
Overcurrent detection, charge and discharge
0.9
106
(1)
After calibration. Accuracy is dependent on system calibration and temperature coefficient of sense resistor.
Internal Temperature-Sensor Characteristics
(1)
over free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
–30
85
°C
Resolution
0.1
°C
Accuracy(1)
0
° to 85°
±2
°C
(1)
After calibration. Accuracy is dependent on system calibration.
LDO Voltage Characteristics
(1)
over free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDO1
LDO1 operating voltage, referenced to
Load =
–200 μA
2.425
2.5
2.575
V
VSS
VLDO2
LDO2 operating voltage, referenced to V2 Load =
–2 mA
2.425
2.5
2.575
V
(1)
After calibration. Accuracy is dependent on system calibration.
External Temperature-Sensor Characteristics
over free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
–40
90
°C
Resolution
0.2
°C
25
°
±2
Accuracy(1)
°C
0
° to 85°
±2
Source current
30
50
70
µA
(1)
After calibration. Accuracy is dependent on system calibration.
8
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): bq78PL116


Similar Part No. - BQ78PL116RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
More results

Similar Description - BQ78PL116RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
List of Unclassifed Man...
ADM5120 ETC2-ADM5120 Datasheet
306Kb / 8P
   HOME GATEWAY CONTROLLER
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com