Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78412 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ78412
Description  Pb-Acid Battery State-of-Charge Indicator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78412 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ78412_15 Datasheet HTML 7Page - Texas Instruments BQ78412_15 Datasheet HTML 8Page - Texas Instruments BQ78412_15 Datasheet HTML 9Page - Texas Instruments BQ78412_15 Datasheet HTML 10Page - Texas Instruments BQ78412_15 Datasheet HTML 11Page - Texas Instruments BQ78412_15 Datasheet HTML 12Page - Texas Instruments BQ78412_15 Datasheet HTML 13Page - Texas Instruments BQ78412_15 Datasheet HTML 14Page - Texas Instruments BQ78412_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
bq78412
www.ti.com
SLUSAA0 – OCTOBER 2010
Status LEDs
Status indicators described in Table 4 may be populated as desired. The output signals could also be used to
drive multi-color LEDs where the status is indicated by the color.
Table 4. Status Indicator LEDs
STATUS LED
INDICATION
DESCRIPTION
REPLACE
Turned on when battery end-of-life condition is detected either when cycle count reaches the
value of LifeCycles parameter or when full charge capacity(FCC) drops below the value in
EolCap parameter
Battery state of health
WARN
Turned on when cycle count reaches the value of LifeCycleWarn parameter or when full
charge capacity(FCC) has dropped below the EolCapWarn level.
GOOD
On when no state of health condition detected.
CHARGE
On when battery is charging.
DISCHARGE
Mode of operation
On when battery is discharging.
FULL
On when qualified full charge condition is detected.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq78412
Not Recommended For New Designs


Similar Part No. - BQ78412_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78412 TI-BQ78412 Datasheet
717Kb / 36P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
More results

Similar Description - BQ78412_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78412 TI-BQ78412 Datasheet
717Kb / 36P
[Old version datasheet]   Pb-Acid Battery State-of-Charge Indicator With Run-Time Display
logo
saftbatteries
BA5590A SAFT-BA5590A Datasheet
218Kb / 2P
   With state of charge indicator (SOCI)
logo
NXP Semiconductors
SAA1501T PHILIPS-SAA1501T Datasheet
372Kb / 20P
   Battery charge level indicator
December 1994
logo
ON Semiconductor
NCS35011 ONSEMI-NCS35011 Datasheet
233Kb / 11P
   5S Battery Protector with State of Charge Indication
March, 2023 - Rev. P8
logo
Shenzhen Huazhimei Semi...
HM4067C HMSEMI-HM4067C Datasheet
545Kb / 10P
   4A, 12V lead-acid battery charge management IC
HM4067 HMSEMI-HM4067 Datasheet
949Kb / 11P
   5A lead-acid battery charge management integrated circuit
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
Texas Instruments
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
logo
List of Unclassifed Man...
ZA5076B ETC1-ZA5076B Datasheet
34Kb / 1P
   LEAD ACID BATTERY CLIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com