Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78350DBT-R1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBT-R1
Description  Battery Management Controller Companion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBT-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ78350DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 9Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 11Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
SMBus Timing Specifications (continued)
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Hold time after
tHD:STA
4
µs
(repeated) start
Repeated start setup
tSU:STA
4.7
µs
time
tSU:STO
Stop setup time
4
µs
RECEIVE mode
0
tHD:DAT
Data hold time
TRANSMIT mode
300
ns
tSU:DAT
Data setup time
250
tTIMEOUT
Error signal/detect
See note(1)
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
See note(2)
4
50
Cumulative clock low
tLOW:SEXT
See note(3)
25
ms
slave extend time
Cumulative clock low
tLOW:MEXT
See note(4)
10
master extend time
tF
Clock/data fall time
(VILMAX – 0.15 V) to (VIHMIN + 0.15 V)
300
ns
tR
Clock/data rise time
0.9 VCC to (VILMAX – 0.15 V)
1000
(1)
The bq78350-R1 times out when any clock low exceeds tTIMEOUT.
(2)
tHIGH:MAX is minimum bus idle time. SMBC = 1 for t > 50 μs causes a reset of any transaction in progress involving the bq78350-R1.
(3)
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to stop.
(4)
tLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to stop.
Figure 1. SMBus Timing Diagram
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1


Similar Part No. - BQ78350DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350DBT-R1A TI1-BQ78350DBT-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
More results

Similar Description - BQ78350DBT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
[Old version datasheet]   ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
   Geode??CS9210 Graphics Companion DSTN Controller
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com