Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9238BST-40 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9238BST-40
Description  12-Bit, 20/40/65 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238BST-40 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9238BST-40 Datasheet HTML 4Page - Analog Devices AD9238BST-40 Datasheet HTML 5Page - Analog Devices AD9238BST-40 Datasheet HTML 6Page - Analog Devices AD9238BST-40 Datasheet HTML 7Page - Analog Devices AD9238BST-40 Datasheet HTML 8Page - Analog Devices AD9238BST-40 Datasheet HTML 9Page - Analog Devices AD9238BST-40 Datasheet HTML 10Page - Analog Devices AD9238BST-40 Datasheet HTML 11Page - Analog Devices AD9238BST-40 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
–8–
AD9238–Typical Performance Characteristics
AD9238
–9–
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
SECOND
HARMONIC
FREQUENCY – MHz
CROSSTALK
THIRD
HARMONIC
TPC 1. Single-Tone FFT of Channel A Digitizing
fIN = 12.5 MHz while Channel B is Digitizing fIN = 10 MHz
����
��
��
��
��
��
����
���
���
���
���
���������������
���������
������
��������
TPC 2. Single-Tone FFT of Channel A Digitizing
fIN = 70 MHz while Channel B is Digitizing fIN = 76 MHz
����
��
��
��
��
��
����
���
���
���
���
������
��������
���������������
���������
TPC 3. Single-Tone FFT of Channel A Digitizing
fIN = 120 MHz while Channel B is Digitizing fIN = 126 MHz
ADC SAMPLE RATE – MSPS
90
55
40
85
80
75
70
65
60
45
50
55
60
65
95
100
SNR
SFDR
50
TPC 4. AD9238-65 Single-Tone SNR/SFDR vs. FS with
fIN = 32.5 MHz
ADC SAMPLE RATE – MSPS
90
55
40
85
80
75
70
65
60
95
100
SNR
SFDR
50
35
30
25
20
SNR
SNR
TPC 5. AD9238-40 Single-Tone SNR/SFDR vs. FS with
fIN = 20 MHz
�����������������������
��
��
��
��
��
��
��
��
��
���
��
��
��
��
����
���
TPC 6. AD9238-20 Single-Tone SNR/SFDR vs. FS with
fIN = 10 MHz
REV. A
REV. A


Similar Part No. - AD9238BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238BST-40 AD-AD9238BST-40 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238BST-40 AD-AD9238BST-40 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9238BST-40PCB AD-AD9238BST-40PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9238BST-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com