Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4845S-A4TR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4845S-A4TR
Description  Parallel RTC With CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4845S-A4TR Datasheet(HTML) 4 Page - Texas Instruments

  BQ4845S-A4TR Datasheet HTML 1Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 2Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 3Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 4Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 5Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 6Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 7Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 8Page - Texas Instruments BQ4845S-A4TR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Address Map
The bq4845 provides 16 bytes of clock and control status
registers. Table 1 is a map of the bq4845 registers, and
Table 2 describes the register bits.
Clock Memory Interface
The bq4845 has the same interface for clock/calendar
and control information as standard SRAM. To read and
write to these locations, the user must put the bq4845 in
the proper mode and meet the timing requirements.
Read Mode
The bq4845 is in read mode whenever OE (Output en-
able) is low and CS (chip select) is low. The unique ad-
dress, specified by the 4 address inputs, defines which
one of the 16 clock/calendar bytes is to be accessed. The
bq4845 makes valid data available at the data I/O pins
within tAA (address access time). This occurs after the
last address input signal is stable, and providing the CS
and OE (output enable) access times are met. If the CS
and OE access times are not met, valid data is available
after the latter of chip select access time (tACS) or output
enable access time (tOE).
CS and OE control the state of the eight three-state
data I/O signals. If the outputs are activated before tAA,
4
Ad-
dress
(h)
D7
D6
D5
D4
D3
D2
D1
D0
12-Hour
Range (h)
Register
0
0
10-second digit
1-second digit
00–59
Seconds
1
ALM1
ALM0
1-second digit
00–59
Seconds alarm
10-second digit
2
0
10-minute digit
1-minute digit
00–59
Minutes
3
ALM1
ALM0
1-minute digit
00–59
Minutes alarm
10-minute digit
4
PM/AM
0
10-hour digit
1-hour digit
01–12 AM/ 81– 92 PM Hours
5
ALM1
ALM0
10-hour digit
1-hour digit
01–12 AM/ 81–92 PM Hours alarm
PM/AM
6
0
0
10-day digit
1-day digit
01–31
Day
7
ALM1
ALM0
10-day digit
1-day digit
01–31
Day alarm
8
0
0
0
Day-of-week digit
01–07
Day-of-week
9
0
0
0
10 mo.
1-month digit
01–12
Month
A
10-year digit
1-year digit
00–99
Year
B
*
WD2
WD1
WD0
RS3
RS2
RS1
RS0
Programmable
rates
C
*
*
AIE
PIE
PWRIE ABE
Interrupt en-
ables
D
*
*
AF
PF
PWRF BVF
Flags
E
*
*
UTI
STOP
24/12
DSE
Control
F
*
*
*
*
*
*
*
*
Unused
Notes:
* = Unused bits; unwritable and read as 0.
0 = should be set to 0 for valid time/calendar range.
Clock calendar data in BCD. Automatic leap year adjustment.
PM/AM = 1 for PM; PM/AM = 0 for AM.
DSE = 1 enables daylight savings adjustment.
24/12 = 1 enables 24-hour data representation; 24/12 = 0 enables 12-hour data representation.
Day-of-Week coded as Sunday = 1 through Saturday = 7.
BVF = 1 for valid battery.
STOP = 1 turns the RTC on; STOP = 0 stops the RTC in back-up mode.
Table 1. bq4845 Clock and Control Register Map
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845S-A4TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845S-A4TR TI-BQ4845S-A4TR Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845S-A4TRG4 TI-BQ4845S-A4TRG4 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845S-A4TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com