Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ51222 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51222
Description  Single Chip Wireless Power Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ51222 Datasheet(HTML) 1 Page - Texas Instruments

  BQ51222 Datasheet HTML 1Page - Texas Instruments BQ51222 Datasheet HTML 2Page - Texas Instruments BQ51222 Datasheet HTML 3Page - Texas Instruments BQ51222 Datasheet HTML 4Page - Texas Instruments BQ51222 Datasheet HTML 5Page - Texas Instruments BQ51222 Datasheet HTML 6Page - Texas Instruments BQ51222 Datasheet HTML 7Page - Texas Instruments BQ51222 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
System
Load
bq51222
OUT
SCL
AD
C4
SDA
C1
C2
CBOOT1
AC1
AC2
BOOT1
RECT
C3
z
z
NTC
TS/CTRL
CLAMP1
CCLAMP1
CCOMM1
COMM1
HOST
PGND
ILIM
RFOD
FOD
R1
TERM
BOOT2
CBOOT2
R5
COMM2
CCOMM2
CLAMP2
CCLAMP2
TMEM
C5
CM_ILIM
VO_REG
R7
VIREG
R6
R8
R9
RECT
LPRB1
LPRB2
AD-EN
Copyright © 2016, Texas Instruments Incorporated
IOUT (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
10
20
30
40
50
60
70
80
90
D001
PMA Duracell TX
WPC A1 TX
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
bq51222
SLUSCL5 – JULY 2016
bq51222 Dual Mode 5-W (WPC v1.2 and PMA) Single Chip Wireless Power Receiver
1
1 Features
1
Robust 5-W Solution with 50% Lower Losses for
Improved Thermals
Inductorless Receiver for Lowest Height Profile
Solution
Adjustable Output Voltage (4.5 to 8 V) for Coil
and Thermal Optimization
Fully Synchronous Rectifier with 96%
Efficiency
97% Efficient Post Regulator
79% System Efficiency at 5 W
WPC v1.2 and PMA Compliant Communication
Patented Transmitter Pad Detect Function
Improves User Experience
I2C Communication with Host
2 Applications
Smart Phones, Tablets, and Headsets
Wi-Fi Hotspots
Power Banks
Other Handheld Devices
3 Description
The bq51222 device is a fully contained wireless
power receiver capable of operating in both the
Wireless Power Consortium (WPC) Qi and Power
Matters Alliance (PMA) protocols which allows a
wireless power system to work with both inductive
charging standards. The bq51222 device provides a
single device power conversion (rectification and
regulation)
as
well
as
the
digital
control
and
communication for both standards. It also has
autonomous detection of protocol and requires no
additional
active
devices.
The
bq51222
device
complies with the WPC v1.2 and PMA communication
protocol. Together with the WPC or a PMA primary-
side controller, the bq51222 device enables a
complete wireless power transfer system for a
wireless power supply solution. The receiver allows
for synchronous rectification, regulation and control
and communication to all exist in a market-leading
form factor, efficiency, and solution size.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
bq51222
DSBGA (42)
3.586 mm × 2.874 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematic
Dual Mode Efficiency 5-V Out


Similar Part No. - BQ51222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51221YFPR TI1-BQ51221YFPR Datasheet
1Mb / 49P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51221YFPT TI1-BQ51221YFPT Datasheet
1Mb / 49P
[Old version datasheet]   Single Chip Wireless Power Receiver
More results

Similar Description - BQ51222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51020 TI1-BQ51020 Datasheet
1Mb / 45P
[Old version datasheet]   Single-Chip Wireless Power Receiver
BQ51025 TI1-BQ51025 Datasheet
1Mb / 49P
[Old version datasheet]   Compliant Single Chip Wireless Power Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
   Wireless Power Receiver
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
   Wireless Power Receiver
logo
Cynergy3 Co
IWR-1 CYNERGY3-IWR-1 Datasheet
263Kb / 1P
   Single Channel Wireless Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
logo
Rohm
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
   Wireless Power Receiver IC
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
   Wireless Power Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com