Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ500215RGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500215RGCT
Description  Compliant Wireless Power Transmitter Manager
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500215RGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ500215RGCT Datasheet HTML 3Page - Texas Instruments BQ500215RGCT Datasheet HTML 4Page - Texas Instruments BQ500215RGCT Datasheet HTML 5Page - Texas Instruments BQ500215RGCT Datasheet HTML 6Page - Texas Instruments BQ500215RGCT Datasheet HTML 7Page - Texas Instruments BQ500215RGCT Datasheet HTML 8Page - Texas Instruments BQ500215RGCT Datasheet HTML 9Page - Texas Instruments BQ500215RGCT Datasheet HTML 10Page - Texas Instruments BQ500215RGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
bq500215
www.ti.com
SLUSBZ1A – OCTOBER 2014 – REVISED NOVEMBER 2014
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV33A
V33A = 3.3 V
8
15
IV33D
Supply current
V33D = 3.3 V
44
55
mA
ITotal
V33D = V33A = 3.3 V
52
70
EXTERNALLY SUPPLIED 3.3 V POWER
V33D
Digital 3.3-V power
TA = 25°C
3
3.6
V
V33A
Analog 3.3-V power
TA = 25°C
3
3.6
3.3-V slew rate between 2.3 and 2.9 V,
V33Slew
3.3-V slew rate
0.25
V/ms
V33A = V33D
DIGITAL DEMODULATION INPUTS: COMM_A+, COMM_A-, COMM_B+, COMM_B-
VCM
Common mode voltage each pin
–0.15
1.631
V
COMM+,
Modulation voltage digital resolution
1
mV
COMM–
REA
Input Impedance
Ground reference
0.5
1.5
3
M
Ω
IOFFSET
Input offset current
1-k
Ω source impedance
–5
5
µA
ANALOG INPUTS: V_SENSE, I_SENSE, T_SENSE, LED_MODE, LOSS_THR
VADC_OPEN
Voltage indicating open pin
LED_MODE, LOSS_THR open
2.37
LED_MODE, LOSS_THR shorted to
VADC_SHORT
Voltage indicating pin shorted to GND
0.36
V
ground
VADC_RANGE
Measurement range for voltage monitoring
All analog inputs
0
2.5
INL
ADC integral nonlinearity
–2.5
2.5
mV
Ilkg
Input leakage current
3 V applied to pin
100
nA
RIN
Input impedance
Ground reference
8
M
Ω
CIN
Input capacitance
10
pF
DIGITAL INPUTS/OUTPUTS
VOL
Low-level output voltage
IOL = 6 mA , V33D = 3 V
DGND1 + 0.25
VOH
High-level output voltage
IOH = –6 mA , V33D = 3 V
V33D – 0.6 V
V
VIH
High-level input voltage
V33D = 3 V
2.1
3.6
VIL
Low-level input voltage
V33D = 3.5 V
1.4
IOH(MAX)
Output high-source current
4
mA
IOL(MAX)
Output low-sink current
4
SYSTEM PERFORMANCE
VRESET
Voltage where device comes out of reset
V33D pin
2.4
V
tRESET
Pulse duration needed for reset
RESET pin
2
µs
Switching frequency (wireless power
ƒSW
130
kHz
transfer)
Time to detect presence of device
tdetect
0.5
s
requesting power
PWM RAIL
ƒSW_RAIL
Switching frequency
520
kHz
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq500215


Similar Part No. - BQ500215RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210 TI-BQ500210 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210RGZR TI1-BQ500210RGZR Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210RGZR TI-BQ500210RGZR Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210RGZR TI-BQ500210RGZR Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
More results

Similar Description - BQ500215RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
BQ500410A TI1-BQ500410A Datasheet
1Mb / 30P
[Old version datasheet]   Free Positioning, Qi Compliant Wireless Power Transmitter Manager
BQ500211A TI-BQ500211A Datasheet
1,010Kb / 27P
[Old version datasheet]   5-V, WPC1.1 Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com