Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ40Z60RHBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z60RHBT
Description  Programmable Battery Management Unit
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z60RHBT Datasheet(HTML) 4 Page - Texas Instruments

  BQ40Z60RHBT Datasheet HTML 1Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 2Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 3Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 4Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 5Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 6Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 7Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 8Page - Texas Instruments BQ40Z60RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
bq40z60
SLUSAW3C – DECEMBER 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: bq40z60
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Pin Functions (continued)
PIN
DESCRIPTION
NAME
NUMBER
I/O(1)
SRN
7
IA
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP and SRN, where SRP is the top of the sense resistor.
SRP
8
IA
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP and SRN, where SRP is the top of the sense resistor.
VSS
9
P
Device ground
TS1
10
IA
Thermistor input for temperature sensor channel 1 (hardware pin RC0)
TS2
11
IA
Thermistor input for temperature sensor channel 2
TS3
12
IA
Thermistor input for temperature sensor channel 3
TS4
13
IA
Thermistor input for temperature sensor channel 4
ALERT
14
I/O
Alert output to host (open drain)
SYSPRES
15
I/O
System presence indicator with internal weak pull up
SMBD
16
I/OD
SMBus data pin
SMBC
17
I/OD
SMBus clock pin
VFB
18
IA
Feedback sense input for charger control loop
HSRN
19
IA
High sense resistor negative node input
HSRP
20
IA
High sense resistor positive node input
AFEFUSE
21
O
Fuse drive output pin
VCC
22
P
Power supply input
REGN
23
O
Charger FET gate drive regulator
PGND
24
P
Power ground
LODRV
25
O
Low side charging FET gate control output
PH
26
I/O
Charger phase signal input
HIDRV
27
O
High side charging FET gate control output
BTST
28
IA
High side bootstrap capacitor input
ACFET
29
O
AC FET gate control output
DSG
30
O
N-CH FET drive output pin
ACP
31
IA
Adapter input pin
CHG
32
O
N-CH FET drive output pin


Similar Part No. - BQ40Z60RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
More results

Similar Description - BQ40Z60RHBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
   Battery Charge Management and Regulator Unit
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
[Old version datasheet]   Battery Charger Management and Regulator Unit
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
[Old version datasheet]   Battery Charge Management and Regulator Unit
SN8040 TI-SN8040 Datasheet
818Kb / 88P
[Old version datasheet]   Cool-GG Programmable Battery Management IC
FEBRUARY 2008
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27532-G1 TI1-BQ27532-G1 Datasheet
1Mb / 35P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
logo
SHOUDING Shouding Semic...
SD8079 SHOUDING-SD8079 Datasheet
1Mb / 7P
   Programmable voltage and current linear battery management chip
logo
Shenzhen Huazhimei Semi...
HM4059 HMSEMI-HM4059 Datasheet
810Kb / 9P
   Programmable voltage and current linear battery management chip
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com